Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL2575 Datasheet(PDF) 17 Page - Texas Instruments

Part # TL2575
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL2575 Datasheet HTML 13Page - Texas Instruments TL2575 Datasheet HTML 14Page - Texas Instruments TL2575 Datasheet HTML 15Page - Texas Instruments TL2575 Datasheet HTML 16Page - Texas Instruments TL2575 Datasheet HTML 17Page - Texas Instruments TL2575 Datasheet HTML 18Page - Texas Instruments TL2575 Datasheet HTML 19Page - Texas Instruments TL2575 Datasheet HTML 20Page - Texas Instruments TL2575 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
www.ti.com
BUCK REGULATOR DESIGN PROCEDURE
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
PROCEDURE (Fixed Output)
EXAMPLE (Fixed Output)
Known:
Known:
VOUT = 3.3 V, 5 V, 12 V, or 15 V
VOUT = 5 V
VIN(Max) = Maximum input voltage
VIN(Max) = 20 V
ILOAD(Max) = Maximum load current
ILOAD(Max) = 1 A
1. Inductor Selection (L1)
1. Inductor Selection (L1)
A. From Figure 15 through Figure 18, select the appropriate inductor A. From Figure 16 (TL2575-05), the intersection of 20-V line and
code based on the intersection of VIN(Max) and ILOAD(Max).
1-A line gives an inductor code of L330.
B. From Table 2, choose the appropriate inductor based on the
B. L330
→ L1 = 330 µH
inductor code. Parts from three well-known inductor manufacturers
Choose from:
are given. The inductor chosen should be rated for operation at
34042 (Schott)
52-kHz and have a current rating of at least 1.15
× I
LOAD(Max) to
PE-52627 (Pulse Engineering)
allow for the ripple current. The actual peak current in L1 (in normal
operation) can be calculated as follows:
RL1952 (Renco)
IL1(pk) = ILOAD(Max) + (VIN – VOUT) × ton/2L1
Where ton = VOUT/VIN× (1/fosc)
2. Output Capacitor Selection (COUT)
2. Output Capacitor Selection (COUT)
A. The TL2575 control loop has a two-pole two-zero frequency
A. COUT = 100-µF to 470-µF, standard aluminum electrolytic
response. The dominant pole-zero pair is established by COUT and
L1. To meet stability requirements while maintaining an acceptable
output ripple voltage (Vripple ≈ 0.01 × VOUT), the recommended range
for a standard aluminum electrolytic COUT is between 100 µF and
470
µF.
B. COUT should have a voltage rating of at least 1.5 × VOUT. But if a
B. Although a COUT rated at 8 V is sufficient for VOUT = 5 V, a
low output ripple voltage is desired, choose capacitors with a
higher-voltage capacitor is chosen for its typically lower ESR (and
higher-voltage ratings than the minimum required, due to their
hence lower output ripple voltage)
→ Capacitor voltage
typically lower ESRs.
rating = 20 V.
3. Catch Diode Selection (D1) (see Table 1)
3. Catch Diode Selection (D1) (see Table 1)
A. In normal operation, the catch diode requires a current rating of
A. Pick a diode with 3-A rating.
at least 1.2
× I
LOAD(Max). For the most robust design, D1 should be
rated to handle a current equal to the TL2575 maximum switch peak
current; this represents the worst-case scenario of a continuous
short at VOUT.
B. The diode requires a reverse voltage rating of at least
B. Pick 30-V rated Schottky diode (1N5821, MBR330, 31QD03, or
1.25
× V
IN(Max).
SR303) or 100-V rated Fast Recovery diode (31DF1, MURD310, or
HER302).
4. Input Capacitor (CIN)
4. Input Capacitor (CIN)
An aluminum electrolytic or tantalum capacitor is needed for input
CIN = 100 µF, 25 V, aluminum electrolytic
bypassing. Locate CIN as close to the VIN and GND pins as
possible.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com