Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC394 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BC394
Description  HIGH VOLTAGE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC394 Datasheet(HTML) 1 Page - STMicroelectronics

  BC394 Datasheet HTML 1Page - STMicroelectronics BC394 Datasheet HTML 2Page - STMicroelectronics BC394 Datasheet HTML 3Page - STMicroelectronics BC394 Datasheet HTML 4Page - STMicroelectronics BC394 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BC394
January 1989
HIGH VOLTAGE AMPLIFIER
The BC394 is a silicon planar epitaxial NPN transis-
tor in Jedec TO-18 metal case, designed for general
purpose high-voltage and video amplifier applica-
tions.
The complementary PNP type is the BC393.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCBO
Collector-base Voltage (IE =0)
180
V
VCEO
Collector-emitter Voltage (IB =0)
180
V
VEBO
Emitter-base Voltage (I C =0)
6
V
I C
Collector Current
100
mA
Pto t
Total Power Dissipation at T amb
≤ 25 °C
at T cas e
≤ 25 °C
0.4
1.4
W
W
T stg
Storage Temperature
– 55 to 200
°C
T j
Junction Temperature
200
°C
DESCRIPTION
TO-18
INTERNAL SCHEMATIC DIAGRAM
1/5


Similar Part No. - BC394

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BC394 CENTRAL-BC394 Datasheet
33Kb / 1P
Small Signal Transistors
logo
STMicroelectronics
BC394 STMICROELECTRONICS-BC394 Datasheet
621Kb / 5P
EPITAXIAL PLANAR NPN
Dec-2002
logo
Seme LAB
BC394 SEME-LAB-BC394 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
logo
Continental Device Indi...
BC394 CDIL-BC394 Datasheet
192Kb / 3P
SILICON PLANAR TRANSISTORS
logo
Seme LAB
BC394CSM SEME-LAB-BC394CSM Datasheet
22Kb / 2P
HIGH VOLTAGE NPN AMPLIFIER TRANSISTOR
More results

Similar Description - BC394

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5415S STMICROELECTRONICS-2N5415S Datasheet
52Kb / 4P
HIGH-VOLTAGE AMPLIFIER
Oct-1988
BC393 STMICROELECTRONICS-BC393 Datasheet
66Kb / 5P
HIGH VOLTAGE AMPLIFIER
Jan-1989
BFW43 STMICROELECTRONICS-BFW43 Datasheet
59Kb / 5P
HIGH VOLTAGE AMPLIFIER
Nov-1997
logo
Fairchild Semiconductor
KSA709 FAIRCHILD-KSA709 Datasheet
37Kb / 4P
High Voltage Amplifier
KSC1009 FAIRCHILD-KSC1009 Datasheet
37Kb / 4P
High Voltage Amplifier
logo
List of Unclassifed Man...
2SA709 ETC-2SA709 Datasheet
93Kb / 2P
HIGH VOLTAGE AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK690 MSK-MSK690 Datasheet
127Kb / 4P
HIGH VOLTAGE AMPLIFIER
logo
List of Unclassifed Man...
QA452 ETC1-QA452 Datasheet
26Kb / 2P
High Voltage Amplifier
logo
Fairchild Semiconductor
KSA709CGBU FAIRCHILD-KSA709CGBU Datasheet
43Kb / 4P
High Voltage Amplifier
KSA709YTA FAIRCHILD-KSA709YTA Datasheet
43Kb / 4P
High Voltage Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com