Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC394 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BC394
Description  HIGH VOLTAGE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC394 Datasheet(HTML) 2 Page - STMicroelectronics

  BC394 Datasheet HTML 1Page - STMicroelectronics BC394 Datasheet HTML 2Page - STMicroelectronics BC394 Datasheet HTML 3Page - STMicroelectronics BC394 Datasheet HTML 4Page - STMicroelectronics BC394 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (T amb =25 °C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I CB O
Collector Cutoff Current
(IE = 0 )
VCB =100 V
VCB =100 V
T amb =150
°C
50
50
nA
µA
V(BR) CBO
Collector-base Breakdown
Voltage (IE = 0 )
I C =100
µA
180
V
V(BR) CEO *
Collector-emitter Breakdown
Voltage (IB = 0 )
I C = 10 mA
180
V
V(BR) EBO
Emitter-base Breakdown
Voltage (IC = 0 )
I E =100 µA6
V
VCE (s at ) *
Collector-emitter Saturation
Voltage
IC =10 mA
I C =50 mA
I B =1 mA
I B =5 mA
200
400
300
mV
mV
VBE (sat) *
Base-emitter Saturation
Voltage
IC =10 mA
I C =50 mA
I B =1 mA
I B =5 mA
750
850
900
mV
mV
h FE *
DC Curent Gain
I C =1 mA
I C =10 mA
VCE =10 V
VCE =10 V
30
85
100
f T
Transition frequency
I C =10 mA
VCE = 10 V
50
95
MHz
C CBO
Collector-base
Capacitance
IE =0
f = 1 MHz
VCB =10 V
5pF
* Pulsed : pulse duration = 300
µs, duty cycle = 1 %.
DC Current.
Collector-emitter Saturation Voltage.
THERMAL DATA
Rth j-c ase
R th j-amb
Thermal Resistance Junction-case
Thermal Resistance Junction-ambient
Ma x
Ma x
125
440
°C/W
°C/W
BC394
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com