Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DR1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DR1
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DR1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DR1 Datasheet HTML 6Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 7Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 8Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 9Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 10Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 11Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 12Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 13Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AR0130CS
www.onsemi.com
10
OUTPUT DATA FORMAT
The AR0130 image data is read out in a progressive scan.
Valid image data is surrounded by horizontal and vertical
blanking (see Figure 8). The amount of horizontal row time
(in clocks) is programmable through R0x300C. The amount
of vertical frame time (in rows) is programmable through
R0x300A. LINE_VALID (LV) is HIGH during the shaded
region of Figure 8. Optional Embedded Register setup
information and Histogram statistic information are
available in first 2 and last row of image data.
Figure 8. Spatial Illustration of Image Readout
P0,0 P0,1 P0,2 .....................................P
0,n−1 P0,n
P1,0 P1,1 P1,2 .....................................P
1,n−1 P1,n
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
Pm−1,0 Pm−1,1 .....................................P
m−1,n−1 Pm−1,n
Pm,0 Pm,1 .....................................P
m,n−1 Pm,n
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
00 00 00 ..................................... 00 00 00
00 00 00 ..................................... 00 00 00
00 00 00 ..................................... 00 00 00
00 00 00 ..................................... 00 00 00
VALID IMAGE
HORIZONTAL
BLANKING
VERTICAL BLANKING
VERTICAL/HORIZONTAL
BLANKING
Readout Sequence
Typically, the readout window is set to a region including
only active pixels. The user has the option of reading out
dark regions of the array, but if this is done, consideration
must be given to how the sensor reads the dark regions for
its own purposes.
Parallel Output Data Timing
The output images are divided into frames, which are
further divided into lines. By default, the sensor produces
968 rows of 1288 columns each. The FV and LV signals
indicate the boundaries between frames and lines,
respectively. PIXCLK can be used as a clock to latch the
data. For each PIXCLK cycle, with respect to the falling
edge, one 12−bit pixel datum outputs on the DOUT pins.
When both FV and LV are asserted, the pixel is valid.
PIXCLK cycles that occur when FV is de−asserted are called
vertical blanking. PIXCLK cycles that occur when only LV
is de−asserted are called horizontal blanking.
Figure 9. Default Pixel Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com