Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DR1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DR1
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DR1 Datasheet(HTML) 3 Page - ON Semiconductor

  AR0130CSSC00SPBA0-DR1 Datasheet HTML 1Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 2Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 3Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 4Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 5Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 6Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 7Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 8Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AR0130CS
www.onsemi.com
3
Figure 1. Block Diagram
Control Registers
Analog Processing and
A/D Conversion
Active Pixel Sensor
(APS)
Array
Pixel Data Path
(Signal Processing)
Timing and Control
(Sequencer)
Auto Exposure
and Stats Engine
OTPM
Memory
PLL
External
Clock
Parallel
Output
Trigger
Two-wire
Serial
Interface
Power
User interaction with the sensor is through the two−wire
serial bus, which communicates with the array control,
analog signal chain, and digital signal chain. The core of the
sensor is a 1.2 Mp Active− Pixel Sensor array. The timing
and control circuitry sequences through the rows of the
array, resetting and then reading each row in turn. In the time
interval between resetting a row and reading that row, the
pixels in the row integrate incident light. The exposure is
controlled by varying the time interval between reset and
readout. Once a row has been read, the data from the
columns is sequenced through an analog signal chain
(providing offset correction and gain), and then through an
analog−to−digital converter (ADC). The output from the
ADC is a 12−bit value for each pixel in the array. The ADC
output passes through a digital processing signal chain
(which provides further data path corrections and applies
digital gain). The pixel data are output at a rate of up to
74.25 Mp/s, in parallel to frame and line synchronization
signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com