Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83310S-R2 Datasheet(PDF) 8 Page - Winbond

Part # W83310S-R2
Description  Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83310S-R2 Datasheet(HTML) 8 Page - Winbond

Back Button W83310S-R2 Datasheet HTML 4Page - Winbond W83310S-R2 Datasheet HTML 5Page - Winbond W83310S-R2 Datasheet HTML 6Page - Winbond W83310S-R2 Datasheet HTML 7Page - Winbond W83310S-R2 Datasheet HTML 8Page - Winbond W83310S-R2 Datasheet HTML 9Page - Winbond W83310S-R2 Datasheet HTML 10Page - Winbond W83310S-R2 Datasheet HTML 11Page - Winbond W83310S-R2 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
W83310S-R2/W83310G-R2
Publication Release Date: January 17, 2005
-5-
Revision 0.53
7. ELECTRICAL CHARACTERISTICS
7.1
AC CHARACTERISTICS
W83310S-R2
VIN=2.5V,VCNTL=3.3V,VREF=1.25V,Cout=100uF, TA = 0°C to +70°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST
CONDITIONS
Output Offset Voltage
VOS
-5
0
+5
mV
IOUT=0A
1.0
Loading: 0A 2.0A
Load Regulation
1.0
%
Loading:
0A -
2.0A
VIN
2.5
3.63
Input Voltage Range
VCNTL
3.3
3.63
V
Operating Current of
VCNTL
ICNTL
0.5
1.0
mA
No Load(IOUT=0A)
0.8
V
Output=High
Shutdown Threshold
Trigger
0.2
V
Output=Low
Shutdown Current
ISHDN
10
uA
VREF<0.2V
Loading=0.7A
Short Current Limit
ILMT
4.0
A
Note: Load regulation is tested with a 1ms duty pulse current and measuring VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com