Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83310S-R2 Datasheet(PDF) 11 Page - Winbond

Part # W83310S-R2
Description  Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83310S-R2 Datasheet(HTML) 11 Page - Winbond

Back Button W83310S-R2 Datasheet HTML 5Page - Winbond W83310S-R2 Datasheet HTML 6Page - Winbond W83310S-R2 Datasheet HTML 7Page - Winbond W83310S-R2 Datasheet HTML 8Page - Winbond W83310S-R2 Datasheet HTML 9Page - Winbond W83310S-R2 Datasheet HTML 10Page - Winbond W83310S-R2 Datasheet HTML 11Page - Winbond W83310S-R2 Datasheet HTML 12Page - Winbond W83310S-R2 Datasheet HTML 13Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
W83310S-R2/W83310G-R2
-8-
9. PACKAGE DIMENSION
8L SOP 150mil
L
O
c
D
A1
A
e
b
SEATING PLANE
Y
0.25
GAUGE PLANE
E
H
E
1
8
5
4
4.00
0.25
0.51
0.25
E
c
b
A1
3.80
0.19
0.33
0.10
0.157
0.010
0.020
0.010
0.150
0.008
0.013
0.004
MAX.
DIMENSION IN MM
1.75
A
SYMBOL
MIN.
1.35
DIMENSION IN INCH
0.069
MIN.
0.053
MAX.
Control demensions are in milmeters .
1.27
0.10
6.20
L
θ
Y
H
010
0.40
5.80
e
1.27 BSC
0.050
0.004
0.244
0
0.016
0.228
10
0.050 BSC
E
D
4.80
5.00
0.188
0.196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com