Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83310G-R2 Datasheet(PDF) 4 Page - Winbond

Part # W83310G-R2
Description  Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83310G-R2 Datasheet(HTML) 4 Page - Winbond

  W83310G-R2 Datasheet HTML 1Page - Winbond W83310G-R2 Datasheet HTML 2Page - Winbond W83310G-R2 Datasheet HTML 3Page - Winbond W83310G-R2 Datasheet HTML 4Page - Winbond W83310G-R2 Datasheet HTML 5Page - Winbond W83310G-R2 Datasheet HTML 6Page - Winbond W83310G-R2 Datasheet HTML 7Page - Winbond W83310G-R2 Datasheet HTML 8Page - Winbond W83310G-R2 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
W83310S-R2/W83310G-R2
Publication Release Date: January 17, 2005
-1-
Revision 0.53
1. GENERAL DESCRIPTION
The W83310S-R2 is a linear regulator which provides achieves peak 2.0 Amp/cont. 1.8 Amp bi-
directional sinking and driving capability for DDR SDRAM bus terminator application. The chip simply
implement a stable power supply which can track half of input power dynamically for bus terminator
with a single chip; that is the chip integrates two power MOSFETs. There is no any external power
device needed. The W83310S-R2 is promoted with small footprint 8-SOP 150mil package. With
W83301S-R2 design, a high integration, high performance, and cost-effective solution is promoted.
2. FEATURES
Regulates a bi-directional power with driving and sinking capability
Provides achieve peak 2.0 Amp/cont. 1.8 Amp driving and sinking current
Power MOSFET integrated
Low external component count
Low output voltage offset
Operates with +3.3V and +2.5V control power
Small package
Low cost and easy to use
3. APPLICATIONS
DDR Bus Termination Regulator
Active Termination Bus
SSTL-2
SSTL-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com