Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83310G-R2 Datasheet(PDF) 12 Page - Winbond

Part # W83310G-R2
Description  Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83310G-R2 Datasheet(HTML) 12 Page - Winbond

Back Button W83310G-R2 Datasheet HTML 5Page - Winbond W83310G-R2 Datasheet HTML 6Page - Winbond W83310G-R2 Datasheet HTML 7Page - Winbond W83310G-R2 Datasheet HTML 8Page - Winbond W83310G-R2 Datasheet HTML 9Page - Winbond W83310G-R2 Datasheet HTML 10Page - Winbond W83310G-R2 Datasheet HTML 11Page - Winbond W83310G-R2 Datasheet HTML 12Page - Winbond W83310G-R2 Datasheet HTML 13Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
W83310S-R2/W83310G-R2
Publication Release Date: January 17, 2005
-9-
Revision 0.53
10. ORDERING INFORMATION
PART NUMBER
PACKAGE TYPE
PRODUCTION FLOW
W83310S-R2
8 PIN SOP
Commercial, 0
°C to +70°C
W83310G-R2
8 PIN SOP(Pb-free package)
Commercial, 0
°C to +70°C
11. HOW TO READ THE TOP MARKING
W83
310G-R2
249OB
W83
310S-R2
249OB
Left line: Winbond logo
1
st & 2nd line: W83310S-R2 – the part number , W83310G-R2-the Pb-free part number
3rd line: Tracking code Tracking code 249 O A
249: packages assembled in Year 02’, week 49
O: assembly house ID; O means OSE, G means GR, etc.
B: the IC version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com