Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC348LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC348LP3
Description  GaAs MMIC SPDT NON-REFLECTIVE CATV SWITCH, DC - 2.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC348LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC348LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8
8 - 214
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC348LP3 / 348LP3E
GaAs MMIC SPDT NON-REFLECTIVE
CATV SWITCH, DC - 2.5 GHz
v05.0805
General Description
Features
Functional Diagram
The HMC348LP3 & HMC348LP3E are non-reflective
GaAs MESFET SPDT switches in low cost leadless
QFN surface mount plastic packages ideal for CATV
applications. Covering DC to 2.5 GHz, the switch offers
high isolation, low insertion loss, integrated 75 Ohm
terminations and an “all off” state. The switch features
>80 dB isolation at 5 MHz and >55 dB isolation up to
1 GHz. The switch operates using complementary
positive control voltage logic lines of +5/0V and
requires a +5V bias supply (Vdd). This switch offers
excellent performance in both 50 Ohm & 75 Ohm
systems for either SPDT or SPST functions.
High Isolation: >80 dB @ 5 MHz (50 Ohm)
>55 dB @ 1 GHz (50 Ohm)
“All Off” Isolation State
Non-Reflective Design, 75 Ohm Terminations
3x3 mm SMT Package
Electrical Specifications, T
A = +25° C, With 0/+5V Control, 50 Ohm System
Typical Applications
The HMC348LP3 / HMC348LP3E is ideal for:
• 75 Ohm Systems
CATV Signal Distribution, Cable Modem
Headend & DBS IF Switching
• 50 Ohm Systems
Basestation Infrastructure & Test Equipment
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1000 MHz
DC - 2500 MHz
0.6
0.7
0.9
1.0
dB
dB
Isolation
DC - 250 MHz
DC - 750 MHz
DC - 1000 MHz
DC - 2000 MHz
DC - 2500 MHz
63
53
50
47
45
68
58
55
52
50
dB
dB
dB
dB
dB
Return Loss
“On State”
DC - 2500 MHz
15
20
dB
Return Loss RF1, RF2
“Off State”
DC - 1000 MHz
DC - 2500 MHz
9
8
12
11
dB
dB
Input Power for 1 dB Compression
50 MHz
1000 MHz
20
25
23
28
dBm
dBm
Input Third Order Intercept
(Two-Tone Input Power= 0 dBm Each Tone, 6 MHz Tone Separation)
50 MHz
1000 MHz
2500 MHz
43
48
51
dBm
dBm
dBm
Input Second Order Intercept
(Two-Tone Input Power= 0 dBm Each Tone, 6 MHz Tone Separation)
50 MHz
1000 MHz
2500 MHz
72
89
80
dBm
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 2500 MHz
25
600
ns
ns


Similar Part No. - HMC348LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC348LP3 HITTITE-HMC348LP3 Datasheet
227Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE CATV SWITCH, DC - 2.5 GHz
More results

Similar Description - HMC348LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC348LP3 HITTITE-HMC348LP3 Datasheet
227Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE CATV SWITCH, DC - 2.5 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC232ALP4E AD-HMC232ALP4E Datasheet
595Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC347ALP3E AD-HMC347ALP3E Datasheet
387Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14 GHz
HMC547ALC3 AD-HMC547ALC3 Datasheet
454Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 28.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com