Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC348LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC348LP3
Description  GaAs MMIC SPDT NON-REFLECTIVE CATV SWITCH, DC - 2.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC348LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC348LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC348LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
8
8 - 216
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
Control Voltages
Control Input
Signal Path State
A
B
RFC to RF1
RFC to RF2
High
Low
On
Off
Low
High
Off
On
Low
Low
Off
Off
State
Bias Condition
Low
0 to +0.8V @ 5 uA Typical
High
+2.0 to +5.0 Vdc @ 35 uA Typical
Bias Voltage & Current
Vdd Range = +5.0 Vdc ±10%
Vdd
(Vdc)
Idd (Typ.)
(mA)
Idd (Max.)
(mA)
+5.0
1.1
2.2
Input Compression Point, 50 Ohm System
Absolute Maximum Ratings
Bias Voltage Range (Vdd)
+7.0 Vdc
RF Input Power
+30 dBm
Control Voltage Range (A & B)
+0.5V to Vdd + 1.0 Vdc
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 4 mW/°C above 85 °C)
0.3 W
Thermal Resistance
(Insertion Loss Path)
104 °C/W
Thermal Resistance
(Terminated Path)
240 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC348LP3 / 348LP3E
GaAs MMIC SPDT NON-REFLECTIVE
CATV SWITCH, DC - 2.5 GHz
v05.0805
10
12
14
16
18
20
22
24
26
28
30
32
0
0.5
1
1.5
2
2.5
0.1 dB T=+25C
0.1 dB T=+85C
0.1 dB T= -40C
1 dB T=+25C
1 dB T=+85C
1 dB T= -40C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com