Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF12 3K. Datasheet(PDF) 4 Page - Multicomp Pro

Part # MF12 3K.
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF12 3K. Datasheet(HTML) 4 Page - Multicomp Pro

  MF12 3K. Datasheet HTML 1Page - Multicomp Pro MF12 3K. Datasheet HTML 2Page - Multicomp Pro MF12 3K. Datasheet HTML 3Page - Multicomp Pro MF12 3K. Datasheet HTML 4Page - Multicomp Pro MF12 3K. Datasheet HTML 5Page - Multicomp Pro MF12 3K. Datasheet HTML 6Page - Multicomp Pro MF12 3K. Datasheet HTML 7Page - Multicomp Pro MF12 3K. Datasheet HTML 8Page - Multicomp Pro MF12 3K. Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Page <4>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 1K40, 250mW 0.5% 50PPM MCMF0W4DF1401A50
Resistor, 14K0, 250mW 0.5% 50PPM MCMF0W4DF1402A50
Resistor, 140K, 250mW 0.5% 50PPM MCMF0W4DF1403A50
Resistor, 1K47, 250mW 0.5% 50PPM MCMF0W4DF1471A50
Resistor, 14K7, 250mW 0.5% 50PPM MCMF0W4DF1472A50
Resistor, 154R, 250mW 0.5% 50PPM MCMF0W4DF1540A50
Resistor, 1K54, 250mW 0.5% 50PPM MCMF0W4DF1541A50
Resistor, 15K4, 250mW 0.5% 50PPM MCMF0W4DF1542A50
Resistor, 154K, 250mW 0.5% 50PPM MCMF0W4DF1543A50
Resistor, 162R, 250mW 0.5% 50PPM MCMF0W4DF1620A50
Resistor, 1K62, 250mW 0.5% 50PPM MCMF0W4DF1621A50
Resistor, 16K2, 250mW 0.5% 50PPM MCMF0W4DF1622A50
Resistor, 162K, 250mW 0.5% 50PPM MCMF0W4DF1623A50
Resistor, 16K5, 250mW 0.5% 50PPM MCMF0W4DF1652A50
Resistor, 169R, 250mW 0.5% 50PPM MCMF0W4DF1690A50
Resistor, 1K69, 250mW 0.5% 50PPM MCMF0W4DF1691A50
Resistor, 16K9, 250mW 0.5% 50PPM MCMF0W4DF1692A50
Resistor, 169K, 250mW 0.5% 50PPM MCMF0W4DF1693A50
Resistor, 178R, 250mW 0.5% 50PPM MCMF0W4DF1780A50
Resistor, 1K78, 250mW 0.5% 50PPM MCMF0W4DF1781A50
Resistor, 17K8, 250mW 0.5% 50PPM MCMF0W4DF1782A50
Resistor, 178K, 250mW 0.5% 50PPM MCMF0W4DF1783A50
Resistor, 187R, 250mW 0.5% 50PPM MCMF0W4DF1870A50
Resistor, 1K87, 250mW 0.5% 50PPM MCMF0W4DF1871A50
Resistor, 18K7, 250mW 0.5% 50PPM MCMF0W4DF1872A50
Resistor, 187K, 250mW 0.5% 50PPM MCMF0W4DF1873A50
Resistor, 196R, 250mW 0.5% 50PPM MCMF0W4DF1960A50
Resistor, 19K6, 250mW 0.5% 50PPM MCMF0W4DF1962A50
Resistor, 196K, 250mW 0.5% 50PPM MCMF0W4DF1963A50
Resistor, 205R, 250mW 0.5% 50PPM MCMF0W4DF2050A50
Resistor, 2K05, 250mW 0.5% 50PPM MCMF0W4DF2051A50
Resistor, 20K5, 250mW 0.5% 50PPM MCMF0W4DF2052A50
Resistor, 205K, 250mW 0.5% 50PPM MCMF0W4DF2053A50
Resistor, 215R, 250mW 0.5% 50PPM MCMF0W4DF2150A50
Resistor, 2K15, 250mW 0.5% 50PPM MCMF0W4DF2151A50
Resistor, 21K5, 250mW 0.5% 50PPM MCMF0W4DF2152A50
Resistor, 215K, 250mW 0.5% 50PPM MCMF0W4DF2153A50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com