Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF12 3K. Datasheet(PDF) 7 Page - Multicomp Pro

Part # MF12 3K.
Description  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF12 3K. Datasheet(HTML) 7 Page - Multicomp Pro

Back Button MF12 3K. Datasheet HTML 3Page - Multicomp Pro MF12 3K. Datasheet HTML 4Page - Multicomp Pro MF12 3K. Datasheet HTML 5Page - Multicomp Pro MF12 3K. Datasheet HTML 6Page - Multicomp Pro MF12 3K. Datasheet HTML 7Page - Multicomp Pro MF12 3K. Datasheet HTML 8Page - Multicomp Pro MF12 3K. Datasheet HTML 9Page - Multicomp Pro MF12 3K. Datasheet HTML 10Page - Multicomp Pro MF12 3K. Datasheet HTML 11Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Page <7>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 5K11, 250mW 0.5% 50PPM MCMF0W4DF5111A50
Resistor, 51K1, 250mW 0.5% 50PPM MCMF0W4DF5112A50
Resistor, 51R1, 250mW 0.5% 50PPM MCMF0W4DF511JA50
Resistor, 536R, 250mW 0.5% 50PPM MCMF0W4DF5360A50
Resistor, 5K36, 250mW 0.5% 50PPM MCMF0W4DF5361A50
Resistor, 53K6, 250mW 0.5% 50PPM MCMF0W4DF5362A50
Resistor, 53R6, 250mW 0.5% 50PPM MCMF0W4DF536JA50
Resistor, 562R, 250mW 0.5% 50PPM MCMF0W4DF5620A50
Resistor, 5K62, 250mW 0.5% 50PPM MCMF0W4DF5621A50
Resistor, 56K2, 250mW 0.5% 50PPM MCMF0W4DF5622A50
Resistor, 56R2, 250mW 0.5% 50PPM MCMF0W4DF562JA50
Resistor, 590R, 250mW 0.5% 50PPM MCMF0W4DF5900A50
Resistor, 5K90, 250mW 0.5% 50PPM MCMF0W4DF5901A50
Resistor, 59K, 250mW 0.5% 50PPM
MCMF0W4DF5902A50
Resistor, 59R0, 250mW 0.5% 50PPM MCMF0W4DF590JA50
Resistor, 619R, 250mW 0.5% 50PPM MCMF0W4DF6190A50
Resistor, 6K19, 250mW 0.5% 50PPM MCMF0W4DF6191A50
Resistor, 61K9, 250mW 0.5% 50PPM MCMF0W4DF6192A50
Resistor, 649R, 250mW 0.5% 50PPM MCMF0W4DF6490A50
Resistor, 64K9, 250mW 0.5% 50PPM MCMF0W4DF6492A50
Resistor, 64R9, 250mW 0.5% 50PPM MCMF0W4DF649JA50
Resistor, 681R, 250mW 0.5% 50PPM MCMF0W4DF6810A50
Resistor, 6K81, 250mW 0.5% 50PPM MCMF0W4DF6811A50
Resistor, 68K1, 250mW 0.5% 50PPM MCMF0W4DF6812A50
Resistor, 68R1, 250mW 0.5% 50PPM MCMF0W4DF681JA50
Resistor, 715R, 250mW 0.5% 50PPM MCMF0W4DF7150A50
Resistor, 7K15, 250mW 0.5% 50PPM MCMF0W4DF7151A50
Resistor, 71K5, 250mW 0.5% 50PPM MCMF0W4DF7152A50
Resistor, 750R, 250mW 0.5% 50PPM MCMF0W4DF7500A50
Resistor, 7K5, 250mW 0.5% 50PPM
MCMF0W4DF7501A50
Resistor, 75K, 250mW 0.5% 50PPM
MCMF0W4DF7502A50
Resistor, 75R0, 250mW 0.5% 50PPM MCMF0W4DF750JA50
Resistor, 7K87, 250mW 0.5% 50PPM MCMF0W4DF7871A50
Resistor, 78K7, 250mW 0.5% 50PPM MCMF0W4DF7872A50
Resistor, 825R, 250mW 0.5% 50PPM MCMF0W4DF8250A50
Resistor, 8K25, 250mW 0.5% 50PPM MCMF0W4DF8251A50
Resistor, 82K5, 250mW 0.5% 50PPM MCMF0W4DF8252A50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com