Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NK-AD1-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # NK-AD1-R
Description  Circular Connector, Solder-type, Shell Size : N, Barrel Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

NK-AD1-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  NK-AD1-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. NK-AD1-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. NK-AD1-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NK-AD1-R
Features
Circular Connector, Solder-type, Shell Size : N, Barrel Adapter
Part Number
NK-AD1-R
Status
Active
Number of Positions
  
Rated Current
  
Waterproof/ Non-waterproof
not available
Applications
 
Broadcasting equipment, sound equipment, communication devices, etc. 
Connector Type
Barrel Adapter
Connector Style
  
Contact Type
  
Termination Style
  
Coupling Style
  
Contact Size
  
Shell Size
N
Contact Size X No. of Contacts
  
Finish of Contact in Connecting
Area
  
Total Current Rating
  
Product Details


Similar Part No. - NK-AD1-R

ManufacturerPart #DatasheetDescription
logo
AG Electronica
NK-1 AGELECTRONICA-NK-1 Datasheet
348Kb / 1P
PINZA DE PRECISION PUNTA RECTA 0.1MM
24/01/2023
logo
PAIRUI GROUP INC.
NK-100 PAIRUI-NK-100 Datasheet
694Kb / 10P
AC-DC Switching Mode Power Supply
NK-100 PAIRUI-NK-100 Datasheet
651Kb / 8P
AC-DC Switching Mode Power Supply
NK-100 PAIRUI-NK-100_19 Datasheet
651Kb / 8P
AC-DC Switching Mode Power Supply
logo
KITAGAWA GmbH
NK-10N KGS-NK-10N Datasheet
358Kb / 1P
Screw mount standard cable clamp
More results

Similar Description - NK-AD1-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM21TPA-15S HIROSE-RM21TPA-15S Datasheet
795Kb / 15P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM21TPA-15S HIROSE-RM21TPA-15S_1 Datasheet
774Kb / 13P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
logo
Assmann Electronics Inc...
A-CR-03PMMP-LC-WP-R ASSMANN-A-CR-03PMMP-LC-WP-R Datasheet
261Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
A-CR-04PMMP-LC-WP-R ASSMANN-A-CR-04PMMP-LC-WP-R Datasheet
271Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
A-CR-05PMMP-LC-WP-R ASSMANN-A-CR-05PMMP-LC-WP-R Datasheet
269Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
logo
SparkFun Electronics
PRT-09518 SPARKFUN-PRT-09518 Datasheet
90Kb / 1P
9V to Barrel Jack Adapter
11/16/2015
PRT-10287 SPARKFUN-PRT-10287 Datasheet
90Kb / 1P
DC Barrel Jack Adapter - Male
8/5/2016
PRT-10288 SPARKFUN-PRT-10288 Datasheet
88Kb / 1P
DC Barrel Jack Adapter - Female
8/5/2016
logo
Japan Aviation Electron...
CA2182-15-R JAE-CA2182-15-R Datasheet
44Kb / 4P
Circular connector compatible to MS standard, Dummy receptacle, Applicable shell size: 48,
logo
Ulti-Mate Connector Inc
SD-831111000 ULTI-MATE-SD-831111000 Datasheet
115Kb / 1P
CIRCULAR CONNECTOR, "RQ" SERIES, RQR1B1-7N, RECEPTACLE, SIZE 7 PIN, SOLDER CUPS
8/2/17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com