Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R4A Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT46R4A
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R4A Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT46R4A Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R4A Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R4A Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R4A Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R4A Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R4A Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R4A Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R4A Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R4A Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
HT46R4A
Rev. 1.00
39
November 28, 2007
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later as the application software has no control over the configuration options. All options must
be defined for proper system function, the details of which are shown in the table.
No.
Options
1
Watchdog Timer clock source: WDT oscillator or fSYS/4
2
Watchdog Timer function: enable or disable
3
CLRWDT instructions: 1 or 2 instructions
4
System oscillator: Crystal or RC
5
PA, PB, PC and PD: pull-high enable or disable
6
PWM0, PWM1: enable or disable
7
PA0~PA7: wake-up enable or disable - bit option
8
PFD: normal I/O or PFD output
9
LVR function: enable or disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com