Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77XX-32X-SVC-RTF Datasheet(PDF) 3 Page - Edgecore Networks Corporation

Part # 77XX-32X-SVC-RTF
Description  AS7712-32X
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

77XX-32X-SVC-RTF Datasheet(HTML) 3 Page - Edgecore Networks Corporation

  77XX-32X-SVC-RTF Datasheet HTML 1Page - Edgecore Networks Corporation 77XX-32X-SVC-RTF Datasheet HTML 2Page - Edgecore Networks Corporation 77XX-32X-SVC-RTF Datasheet HTML 3Page - Edgecore Networks Corporation 77XX-32X-SVC-RTF Datasheet HTML 4Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Power
■ PSUs: 2 redundant, load-sharing, hot-swappable AC or -48 VDC
■ Input Voltage: 90 to 240 VAC at 50-60 Hz. -36 to -72 VDC
■ PSU Efficiency: Up to 93% for AC PSUs
■ Power Input Option: 12 VDC
■ Max Power: 550 W
Regulatory
■ EMI:
CE Mark
EN 55022 Class A
EN 55024
EN 61000-3-2
EN 61000-3-3
■ FCC Part 15 Subpart B Class A
■ VCCI Class A
■ Safety:
CB
UL/CUL
■ Environmental:
Temperature: IEC 68-2-14
Vibration: IEC 68-2-36, IEC 68-2-6
Shock: IEC 68-2-29
Drop: ISTA 2A
■ RoHS-6 Compliant
■ Country of Origin: Taiwan (TAA Compliant)
Warranty
Please check www.edge-core.com for the warranty terms in your
country.
For More Information
To find out more about Edgecore Networks Corporation products
and solutions, visit www.edge-core.com.
About Edgecore Networks Corporation
Edgecore Networks Corporation is in the business of providing
innovative network solutions. In the service provider network, in the
data center or in the cloud, Edgecore Networks Corporation delivers
the soſtware and systems that transform the way the world
connects. Edgecore Networks Corporation serves customers and
partners worldwide. Additional information can be found at
www.edge-core.com.
Edgecore Networks Corporation is a subsidiary of Accton
Technology Corporation, the leading network ODM company. The
Edgecore data center switches are developed and manufactured by
Accton.
To purchase Edgecore Networks solutions, please contact your
Edgecore Networks Corporation representatives at +886 3 563 8888
(HQ) or +1 (949)-336-6801 or authorized resellers.
© Copyright 2023 Edgecore Networks Corporation. The information contained herein
is subject to change without notice. This document is for informational purposes only
and does not set forth any warranty, expressed or implied, concerning any
equipment, equipment feature, or service offered by Edgecore Networks Corporation.
Edgecore Networks Corporation shall not be liable for technical or editorial errors or
omissions contained herein.
Ports
■ Switch Ports:
32 x QSFP28 ports. Each port supports 1 x 40/100 GbE or
2 x 50 GbE or 4 x 10/25 GbE per port using splitter cables
■ Management ports on port side:
1 x RJ-45 serial console
1 x RJ-45 100/1000BASE-T management
1 x USB Type A storage
■ Supported Transceivers and Cables:
40GBASE-SR4/LR4
40G-DAC/AOC Cable
100GBASE-SR4/CWDM4/LR4/ER4/ZR4/PSM4-2/DR1/FR1/LR1
100G-DAC/AOC Cable
• Note: More optics and detailed cabling information can be found at
www.edge-core.com.
Key Components
■ Switch Silicon: Broadcom BCM56960 Tomahawk
No PHYs, No Retimers
CPU Modules:
Intel® Atom® C2538 4-Core 2.4 GHz x86 processor
DDR3: SO-DIMM 8 GB x 2
SPI Flash: 8 MB x 2
mSATA SSD: 64 GB MLC
Performance
■ Switching Capacity: 3.2 Tbps full duplex
■ Forwarding Rate: 1.52 Bpps
■ Jumbo frames support up to 9416 Bytes
■ Packet Buffer Size: 16 MB integrated packet buffer
■ Subject to NOS:
MAC Addresses: 8 K min./136 K max.
VLAN IDs: 4 K
IPv4: 8 K min./84 K max. host entries; 16 K LPM entries with
TCAM-only mode
IPv6: 4K /46 K max. host entries; IPv6/64= 8 K TCAM-only mode
Physical and Environmental
■ Dimensions (WxDxH): 43.84 x 51.5 x 4.35 cm (17.3 x 20.3 x 1.7 in)
■ Weight: 10.87 kg (23.96 lb), with two installed PSUs
■ Operating Temperature:
(F2B) 0° C to 45° C (32° F to 113° F)
(B2F) 0° C to 40° C (32° F to 104° F)
■ Storage Temperature: -40°C to 70°C (-40°F to 158°F)
■ Operating Humidity: 5% to 95% non-condensing
Soſtware
■ Switch is loaded with Open Network Install Environment (ONIE)
soſtware installer
■ Compatible with the following NOS options: open source
options, plus commercial NOS offerings.
LEDs
■ QSFP28 Port LEDs: Link Status, Activity, Rate
■ Ethernet Management Port LED: Link Status, Activity
■ Console Port LED: Link Status
■ System LEDs: Diagnostic, Locator, PSU and Fan Status



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com