Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77XX-32X-SVC-RTF Datasheet(PDF) 4 Page - Edgecore Networks Corporation

Part # 77XX-32X-SVC-RTF
Description  AS7712-32X
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

77XX-32X-SVC-RTF Datasheet(HTML) 4 Page - Edgecore Networks Corporation

  77XX-32X-SVC-RTF Datasheet HTML 1Page - Edgecore Networks Corporation 77XX-32X-SVC-RTF Datasheet HTML 2Page - Edgecore Networks Corporation 77XX-32X-SVC-RTF Datasheet HTML 3Page - Edgecore Networks Corporation 77XX-32X-SVC-RTF Datasheet HTML 4Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EC-DS-0723-R21
Ordering Information
Base Model: AS7712-32X; Intel® Atom® C2538 processor 4-Core;32-Port 100G QSFP28; ONIE Soſtware Installer
Model Number
Part Number
PSU
Airflow
Region (Power Cord)
7712-32X-O-AC-F-US
FP3ZZ7632406A
Dual AC PSUs
Front-to-Back Airflow
N. America
7712-32X-O-AC-B-US
FP3ZZ7632407A
Dual AC PSUs
Back-to-Front AirflowN. America
7712-32X-O-AC-F-EU
FP3ZZ7632200A
Dual AC PSUs
Front-to-Back Airflow
Europe
7712-32X-O-AC-B-EU
FP3ZZ7632201A
Dual AC PSUs
Back-to-Front Airflow
Europe
7712-32X-O-AC-F-UK
FP3ZZ7632301A
Dual AC PSUs
Front-to-Back Airflow
UK
7712-32X-O-AC-B-UK
FP3ZZ7632300A
Dual AC PSUs
Back-to-Front AirflowUK
7712-32X-O-AC-F-JP
FP3ZZ7632500A
Dual AC PSUs
Front-to-Back Airflow
Japan
7712-32X-O-AC-B-JP
FP3ZZ7632501A
Dual AC PSUs
Back-to-Front Airflow
Japan
7712-32X-O-48V-F
FP3ZZ7632028A
Dual -48V DC PSUs
Front-to-Back Airflow
7712-32X-O-48V-B
FP3ZZ7632031A
Dual -48V DC PSUs
Back-to-Front Airflow
7712-32X-O-12V-F
FP3ZZ7632022A
one 12 VDC power input
Front-to-Back Airflow
7712-32X-O-12V-B
FP3ZZ7632025A
one 12 VDC power input
Back-to-Front Airflow
PSU-AC-650A-F
F0TAO6632003A
650W AC Power Supply FRU
Front-to-Back Airflow
no power cord
PSU-AC-650A-B
F0TAO6632002A
650W AC Power Supply FRU
Back-to-Front Airflow
no power cord
PSU-48V-650-F
F0TZZ7632004A
650W 48VDC Power SupplyFront-to-Back Airflow
no power cord
PSU-48V-650-B
F0TZZ7632003A
650W 48VDC Power Supply
Back-to-Front Airflow
no power cord
FAN-1U-1x1C-F
F0TAO6632000A
Fan Module FRU
Front-to-Back Airflow
FAN-1U-1x1C-B2
F0TZZ7632000A
Fan Module FRU
Back-to-Front Airflow
Model Number
Part Number
Description
77xx-32X-SVC-RTF
REWECECWA027Z
AS77xx-32X series, Annual Hardware Service, Return-to-Factory, aſter warranty. 3 year
warranty included already with the product, maximum 2 additional years per product.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com