Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP67 Datasheet(PDF) 3 Page - Omega Engineering, Inc.

Part # IP67
Description  Micro-Machined Silicon Transducers wet/wet differential Pressure Models
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

IP67 Datasheet(HTML) 3 Page - Omega Engineering, Inc.

  IP67 Datasheet HTML 1Page - Omega Engineering, Inc. IP67 Datasheet HTML 2Page - Omega Engineering, Inc. IP67 Datasheet HTML 3Page - Omega Engineering, Inc. IP67 Datasheet HTML 4Page - Omega Engineering, Inc. IP67 Datasheet HTML 5Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
weT/weT differenTial
PreSSure ModelS
uni-direcTional rangeS wiTh mV/V ouTPuTS
B-245
UnI-DIREcTIonAL mV/V
SPEcIFIcATIonS
output: 10 mV/V ratiometric
Supply Voltage: 5 to 10 Vdc
current Draw: 5 mA @ 10 Vdc
Input Impedance: 1000 to 5000 Ω
output Impedance: 5000 Ω ±10% typical
Zero Balance:
Ranges ≤ 2.5psi: ±1% typical (2% maximum)
Ranges > 2.5psi: ±0.5% typical (1% maximum)
Span Setting:
Ranges ≤ 2.5psi: ±1% typical (2% maximum)
Ranges > 2.5psi: ±0.5% typical (1% maximum)
To Order
10 mV/V oUTPUT, 1⁄4 nPT mALE FITTInGS
RAnGE
mETRIc
moDEL no.
0 to 10 inH2O
25 mbar
PX409-10WDWUV
0 to 1 psi
70 mbar
PX409-001DWUV
0 to 2.5 psi
170 mbar
PX409-2.5DWUV
0 to 5 psi
350 mbar
PX409-005DWUV
0 to 15 psi
1 bar
PX409-015DWUV
0 to 30 psi
2 bar
PX409-030DWUV
0 to 50 psi
3.5 bar
PX409-050DWUV
0 to 100 psi
7 bar
PX409-100DWUV
0 to 150 psi
10 bar
PX409-150DWUV
0 to 250 psi
17.5 bar
PX409-250DWUV
0 to 500 psi
35 bar
PX409-500DWUV
0 to 750 psi
50 bar
PX409-750DWUV
0 to 1000 psi
70 bar
PX409-1.0KDWUV
cABLE TERmInATIon*
PX429 TWIST-LocK
PX419/PX459
PX409 cABLE
Pin A
+EXC
Pin 1
+EXC
Red
+EXC
Pin B
-EXC
Pin 2
-EXC
Black
-EXC
Pin C
+SIG
Pin 3
+SIG
White
+SIG
Pin D
-SIG
Pin 4
-SIG
Green
-SIG
Pin E
No Connection
Pin F
No Connection
connEcTIonS—mV/V oUTPUT
* To order conduit fitting backend change model number
from
“PX409” to “PX409C”, no additional cost.
Ordering Examples: PX409-100DWUV, 0 to 100 psi uni-directional
wet/wet differential pressure range, 10 mV/V output, 0.08%
accuracy, 1
⁄4 NPT fittings, 2 m (6') cable.
PX419-015DWUV, 0 to 15 psi uni-directional wet/wet differential
pressure range, 10 mV/V output, 0.08% accuracy, 1
⁄4 NPT fittings,
mini DIN connector.
PX429-10WDWUV, 0 to 10 inH2O uni-directional wet/wet differential
pressure range, 10 mV/V output, 0.08% accuracy, 1
⁄4 NPT fittings,
twist-lock connector plus
PT06F10-6S, mating connector.
10 mV/V oUTPUT, 1⁄4 nPT mALE FITTInGS
RAnGE
mETRIc
moDEL no.
0 to 10 inH2O
25 mbar
PX419-10WDWUV
0 to 1 psi
70 mbar
PX419-001DWUV
0 to 2.5 psi
170 mbar
PX419-2.5DWUV
0 to 5 psi
350 mbar
PX419-005DWUV
0 to 15 psi
1 bar
PX419-015DWUV
0 to 30 psi
2 bar
PX419-030DWUV
0 to 50 psi
3.5 bar
PX419-050DWUV
0 to 100 psi
7 bar
PX419-100DWUV
0 to 150 psi
10 bar
PX419-150DWUV
0 to 250 psi
17.5 bar
PX419-250DWUV
0 to 500 psi
35 bar
PX419-500DWUV
0 to 750 psi
50 bar
PX419-750DWUV
0 to 1000 psi
70 bar
PX419-1.0KDWUV
mInI DIn TERmInATIon
PX409-030DWUV,
30 psid range, 10 mV/V
output, shown smaller
than actual size.
m12 or TWIST-LocK
TERmInATIon
10 mV/V oUTPUT, 1⁄4 nPT mALE FITTInGS
RAnGE
mETRIc
moDEL no.
0 to 10 inH2O
25 mbar
PX4[*]9-10WDWUV
0 to 1 psi
70 mbar
PX4[*]9-001DWUV
0 to 2.5 psi
170 mbar
PX4[*]9-2.5DWUV
0 to 5 psi
350 mbar
PX4[*]9-005DWUV
0 to 15 psi
1 bar
PX4[*]9-015DWUV
0 to 30 psi
2 bar
PX4[*]9-030DWUV
0 to 50 psi
3.5 bar
PX4[*]9-050DWUV
0 to 100 psi
7 bar
PX4[*]9-100DWUV
0 to 150 psi
10 bar
PX4[*]9-150DWUV
0 to 250 psi
17.5 bar
PX4[*]9-250DWUV
0 to 500 psi
35 bar
PX4[*]9-500DWUV
0 to 750 psi
50 bar
PX4[*]9-750DWUV
0 to 1000 psi
70 bar
PX4[*]9-1.0KDWUV
fast delivery!
Stock to 2 w
eeks
on Most Models
cable
style.
Comes complete with 5-point NIST traceable calibration certificate.
[*] Enter “5” for PX459 M12 connector or “2” for PX429 twist lock
connector (mating PX429 connector sold separately).
metric threads
available, visit us
online



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com