Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP67 Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # IP67
Description  Micro-Machined Silicon Transducers wet/wet differential Pressure Models
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

IP67 Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  IP67 Datasheet HTML 1Page - Omega Engineering, Inc. IP67 Datasheet HTML 2Page - Omega Engineering, Inc. IP67 Datasheet HTML 3Page - Omega Engineering, Inc. IP67 Datasheet HTML 4Page - Omega Engineering, Inc. IP67 Datasheet HTML 5Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Micro-Machined
Silicon TranSducerS
weT/weT differenTial PreSSure ModelS
B-243
common SPEcIFIcATIonS
Accuracy: 0.08% BSL linearity, hysteresis and
repeatability combined
minimum Resistance Between Transducer Body
and Any Wire: 100 MΩ
operating Temperature:
mV/V and 5 to 10 Vdc output: -45 to 121°C (-49 to 250°F)
mA output: -45 to 115°C (-49 to 239°F)
compensated Temperature Range:
10 inH2o to 5 psi: -17 to 85°C (1 to 185°F)
15 to 1000 psi: -29 to 85°C (-20 to 185°F)
Thermal Accuracy:
Zero
Span
% Shift over compensated temperature range
10 inH2o to 5 psi:
±1.00%
±1.00%
15 to 1000 psi:
±0.50%
±0.50%
mV/V, 0 to 5 or 0 to 10 Vdc, or 4 to 20 ma outputs
uni-directional ranges
0-10 inh2o to 0-1000 psid
U
Precision micro-machined Silicon core
U
5-Point nIST Traceable calibration
U
High Stability, Low Drift
U
Welded Stainless Steel construction
U
316L SS Wetted Parts
U
Digital Dynamic Thermal
compensation Across Temperature
and Pressure Range
U
Premium Temperature Performance
U
Broad compensated Temperature Range
U
Durable, 1 million cycle Life
U
Ruggedized with Secondary
containment
U
customized Specifications Available
Get all the great performance characteristics of the
Micro-Machined Silicon Transducers in these wet/
wet differential pressure models. These rugged
stainless steel transducers are ideal for tough industrial
automotive, or aerospace applications requiring a wet/
wet transducer. They can be used in test benches,
filter monitoring, hydraulic, flow, or water/wastewater
applications, as well as factory or pneumatic air, pitot
tubes, air speed and other industrial or aerospace
applications. The solid state silicon core and all stainless
steel wetted parts will provide long, reliable service life
with excellent long term stability. To obtain their high
accuracy and stability, the PX409 Series use state of
the art digital mapping of the temperature, pressure
and output performance of the silicon sensor in
conjunction with a custom ASIC to provide dynamic
thermal compensation across the temperature and
pressure parameters.
Five Electrical
Termination Styles
PX409c, conduit cable.
PX409, 2 m (6') cable.
IP67
environmental
rating.
IP67
environmental
rating.
IP65 environmental
rating.
IP65
environmental
rating.
PX419, mini DIn.
PX429, twist-lock.
IP65 environmental rating.
PX459, m12 connector.
Standard
PX409 Series
PX409-015DWUV,
15 psid range,
10 mV/V output,
shown smaller
than actual size.
fast delivery!
Stock to 2 w
eeks
on Most Models
high 0.08%
accuracy
metric threads
available,
visit us online
cable
style.


Similar Part No. - IP67

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IP67 ROSENBERGER-IP67 Datasheet
57Kb / 2P
7/16 STRAIGHT PLUG
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
2Mb / 4P
Increase outdoor enclosure durability in harsh environments
2011 - 2016
logo
Bel Fuse Inc.
IP67 BEL-IP67 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
6Mb / 16P
IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
01/04/20 V1.0
logo
STEGO Elektrotechnik Gm...
IP67 STEGO-IP67 Datasheet
282Kb / 1P
PRESSURE COMPENSATION DEVICE (STAINLESS STEEL/ALUMINIUM)
24.02.2022
More results

Similar Description - IP67

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
Wet Tantalum Capacitors
02-Sep-03
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
Wet Tantalum Capacitor
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
Wet Tantalum Capacitor
logo
Copal Electronics
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
PRESSURE TRANSDUCERS
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
PRESSURE TRANSDUCERS
P-8300 COPAL-P-8300 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
PRESSURE TRANSDUCERS
logo
MKS Instruments.
AA07A MKS-AA07A Datasheet
327Kb / 4P
MICRO-BARATRON PRESSURE TRANSDUCERS
logo
List of Unclassifed Man...
5611AH ETC2-5611AH Datasheet
242Kb / 4P
Wet Pipe Systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com