Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AXC2T245 Datasheet(PDF) 22 Page - Texas Instruments

Part # SN74AXC2T245
Description  SN74AXC2T245 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC2T245 Datasheet(HTML) 22 Page - Texas Instruments

Back Button SN74AXC2T245 Datasheet HTML 18Page - Texas Instruments SN74AXC2T245 Datasheet HTML 19Page - Texas Instruments SN74AXC2T245 Datasheet HTML 20Page - Texas Instruments SN74AXC2T245 Datasheet HTML 21Page - Texas Instruments SN74AXC2T245 Datasheet HTML 22Page - Texas Instruments SN74AXC2T245 Datasheet HTML 23Page - Texas Instruments SN74AXC2T245 Datasheet HTML 24Page - Texas Instruments SN74AXC2T245 Datasheet HTML 25Page - Texas Instruments SN74AXC2T245 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 8-1.
Table 8-1. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUES
Input voltage range
0.65V to 3.6V
Output voltage range
0.65V to 3.6V
8.2.2 Detailed Design Procedure
To begin the design process, determine the following:
• Input voltage range
– Use the supply voltage of the device that is driving the SN74AXC2T245 device to determine the input
voltage range. For a valid logic high, the value must exceed the high-level input voltage (VIH) of the input
port. For a valid logic low the value must be less than the low-level input voltage (VIL) of the input port.
• Output voltage range
– Use the supply voltage of the device being driven by the SN74AXC2T245 determine the output voltage
range of the SN74AXC2T245.
8.2.3 Application Curves
Figure 8-2. Up Translation at 2.5MHz (0.7V to 3.3V)
SN74AXC2T245
SCES879A – MAY 2020 – REVISED FEBRUARY 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74AXC2T245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com