Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AXC2T245 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AXC2T245
Description  SN74AXC2T245 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC2T245 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AXC2T245 Datasheet HTML 3Page - Texas Instruments SN74AXC2T245 Datasheet HTML 4Page - Texas Instruments SN74AXC2T245 Datasheet HTML 5Page - Texas Instruments SN74AXC2T245 Datasheet HTML 6Page - Texas Instruments SN74AXC2T245 Datasheet HTML 7Page - Texas Instruments SN74AXC2T245 Datasheet HTML 8Page - Texas Instruments SN74AXC2T245 Datasheet HTML 9Page - Texas Instruments SN74AXC2T245 Datasheet HTML 10Page - Texas Instruments SN74AXC2T245 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
5.7 Switching Characteristics, VCCA = 0.8 ± 0.04V
See Figure 1 and Table 1 for test circuit and loading. See Figure 2, Figure 3, and Figure 4 for measurement waveforms.
PARAMETER
FROM
TO
Test
Conditions
B-Port Supply Voltage (VCCB)
UNI
T
0.7 ± 0.05V 0.8 ± 0.04V
0.9 ±
0.045V
1.2 ± 0.1V
1.5 ± 0.1V 1.8 ± 0.15V 2.5 ± 0.2V
3.3 ± 0.3V
MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX
tpd
Propagatio
n delay
A
B
-40°C to 85°C
0.5
149
0.5
94
0.5
63
0.5
34
0.5
28
0.5
27
0.5
28
0.5
34
ns
-40°C to
125°C
0.5
149
0.5
94
0.5
63
0.5
34
0.5
28
0.5
27
0.5
28
0.5
34
B
A
-40°C to 85°C
0.5
115
0.5
94
0.5
76
0.5
50
0.5
41
0.5
40
0.5
39
0.5
38
-40°C to
125°C
0.5
115
0.5
94
0.5
76
0.5
50
0.5
41
0.5
40
0.5
39
0.5
38
tdis
Disable
time
OE
A
-40°C to 85°C
0.5
91
0.5
91
0.5
91
0.5
91
0.5
91
0.5
91
0.5
91
0.5
91
ns
-40°C to
125°C
0.5
91
0.5
91
0.5
91
0.5
91
0.5
91
0.5
91
0.5
91
0.5
91
OE
B
-40°C to 85°C
0.5
121
0.5
94
0.5
79
0.5
38
0.5
32
0.5
31
0.5
30
0.5
35
-40°C to
125°C
0.5
121
0.5
94
0.5
79
0.5
38
0.5
32
0.5
31
0.5
30
0.5
35
ten
Enable
time
OE
A
-40°C to 85°C
0.5
109
0.5
109
0.5
109
0.5
109
0.5
109
0.5
109
0.5
109
0.5
109
ns
-40°C to
125°C
0.5
109
0.5
109
0.5
109
0.5
109
0.5
109
0.5
109
0.5
109
0.5
109
OE
B
-40°C to 85°C
0.5
198
0.5
121
0.5
84
0.5
46
0.5
33
0.5
28
0.5
28
0.5
35
-40°C to
125°C
0.5
198
0.5
128
0.5
95
0.5
52
0.5
35
0.5
30
0.5
28
0.5
35
www.ti.com
SN74AXC2T245
SCES879A – MAY 2020 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN74AXC2T245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com