Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AXC2T45 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AXC2T45
Description  SN74AXC2T45-Q1 Automotive 2-Bit Translating Transceiver with Configurable Level- Shifting
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC2T45 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AXC2T45 Datasheet HTML 1Page - Texas Instruments SN74AXC2T45 Datasheet HTML 2Page - Texas Instruments SN74AXC2T45 Datasheet HTML 3Page - Texas Instruments SN74AXC2T45 Datasheet HTML 4Page - Texas Instruments SN74AXC2T45 Datasheet HTML 5Page - Texas Instruments SN74AXC2T45 Datasheet HTML 6Page - Texas Instruments SN74AXC2T45 Datasheet HTML 7Page - Texas Instruments SN74AXC2T45 Datasheet HTML 8Page - Texas Instruments SN74AXC2T45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1) 2
MIN
MAX UNIT
VCCA
Supply voltage A
0.65
3.6
V
VCCB
Supply voltage B
0.65
3.6
V
VIH
High-level input voltage
Data Inputs
VCCI = 0.65V – 0.75V
VCCI × 0.70
VCCI = 0.76V – 1V
VCCI × 0.70
VCCI = 1.1V – 1.95V
VCCI × 0.65
VCCI = 2.3V – 2.7V
1.6
VCCI = 3V – 3.6V
2
Control Input (DIR), Referenced
to VCCA
VCCA = 0.65V – 0.75V
VCCA × 0.70
VCCA = 0.76V – 1V
VCCA × 0.70
VCCA = 1.1V – 1.95V
VCCA × 0.65
VCCA = 2.3V – 2.7V
1.6
VCCA = 3V – 3.6V
2
VIL
Low-level input voltage
Data Inputs
VCCI = 0.65V – 0.75V
VCCI x 0.30
V
VCCI = 0.76V – 1V
VCCI x 0.30
VCCI = 1.1V – 1.95V
VCCI x 0.35
VCCI = 2.3V – 2.7V
0.7
VCCI = 3V – 3.6V
0.8
Control Input (DIR), Referenced
to VCCA
VCCA = 0.65V – 0.75V
VCCA × 0.30
VCCA = 0.76V – 1V
VCCA × 0.30
VCCA = 1.1V – 1.95V
VCCA × 0.35
VCCA = 2.3V – 2.7V
0.7
VCCA = 3V – 3.6V
0.8
VI
Input voltage
0
3.6
V
VO
Output voltage
Active State
0
VCCO
V
Tri-State
0
3.6
Δt/Δv2
Input transition rise and fall time
10 ns/V
Δt/Δv3
Single channel input transition rise and fall time
100 ns/V
TA
Operating free-air temperature
–40
125
°C
(1)
VCCI is the VCC associated with the input port. VCCO is the VCC associated with the output port.
(2)
All unused inputs of the device must be held at VCC or GND for proper device operation. Refer to the TI application report, Implications
of Slow or Floating CMOS Inputs, SCBA004.
(3)
Input transition rate of a single channel while the other channels are at a valid logic state and not switching.
5.4 Thermal Information
THERMAL METRIC (1)
SN74AXC2T45-Q1
UNIT
DCT (SM8)
DCU (VSSOP) DTM (X2SON)
RθJA
Junction-to-ambient thermal resistance
223.5
242.9
225.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
120.7
96.2
131.6
°C/W
RθJB
Junction-to-board thermal resistance
138.0
153.3
141.3
°C/W
YJT
Junction-to-top characterization parameter
47.5
38.2
12.7
°C/W
YJB
Junction-to-board characterization parameter
136.7
152.5
140.9
°C/W
(1)
For more information about thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report.
SN74AXC2T45-Q1
SCES928B – APRIL 2021 – REVISED JANUARY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74AXC2T45-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com