Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AXC2T45 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74AXC2T45
Description  SN74AXC2T45-Q1 Automotive 2-Bit Translating Transceiver with Configurable Level- Shifting
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC2T45 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74AXC2T45 Datasheet HTML 9Page - Texas Instruments SN74AXC2T45 Datasheet HTML 10Page - Texas Instruments SN74AXC2T45 Datasheet HTML 11Page - Texas Instruments SN74AXC2T45 Datasheet HTML 12Page - Texas Instruments SN74AXC2T45 Datasheet HTML 13Page - Texas Instruments SN74AXC2T45 Datasheet HTML 14Page - Texas Instruments SN74AXC2T45 Datasheet HTML 15Page - Texas Instruments SN74AXC2T45 Datasheet HTML 16Page - Texas Instruments SN74AXC2T45 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
5.13 Switching Characteristics, VCCA = 3.3 ± 0.3V
See Figure 5 and Table 1 for test circuit and loading. See Figure 6, Figure 7, and Figure 8 for measurement waveforms.
PARAMETER
FROM
TO
Test Conditions
B-Port Supply Voltage (VCCB)
UNIT
0.7 ± 0.05V
0.8 ± 0.04V
0.9 ± 0.045V
1.2 ± 0.1V
1.5 ± 0.1V
1.8 ± 0.15V
2.5 ± 0.2V
3.3 ± 0.3V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Propagation
delay
A
B
-40°C to 85°C
0.5
76
0.5
38
0.5
21
0.5
7
0.5
5
0.5
4
0.5
4
0.5
4
ns
-40°C to 125°C
0.5
76
0.5
38
0.5
21
0.5
7
0.5
5
0.5
5
0.5
4
0.5
4
B
A
-40°C to 85°C
0.5
105
0.5
34
0.5
17
0.5
8
0.5
6
0.5
5
0.5
4
0.5
4
-40°C to 125°C
0.5
105
0.5
34
0.5
17
0.5
8
0.5
6
0.5
5
0.5
5
0.5
4
tdis
Disable time
DIR
A
-40°C to 85°C
0.5
10
0.5
10
0.5
10
0.5
10
0.5
10
0.5
10
0.5
10
0.5
10
ns
-40°C to 125°C
0.5
11
0.5
11
0.5
11
0.5
11
0.5
11
0.5
11
0.5
11
0.5
11
DIR
B
-40°C to 85°C
0.5
128
0.5
88
0.5
68
0.5
24
0.5
17
0.5
15
0.5
11
0.5
11
-40°C to 125°C
0.5
128
0.5
88
0.5
69
0.5
26
0.5
19
0.5
16
0.5
12
0.5
11
ten
(1)
Enable time
DIR
A
-40°C to 85°C
0.5
218
0.5
218
0.5
218
0.5
218
0.5
218
0.5
218
0.5
218
0.5
218
ns
-40°C to 125°C
0.5
218
0.5
218
0.5
218
0.5
218
0.5
218
0.5
218
0.5
218
0.5
218
DIR
B
-40°C to 85°C
0.5
83
0.5
45
0.5
28
0.5
17
0.5
15
0.5
14
0.5
14
0.5
14
-40°C to 125°C
0.5
83
0.5
45
0.5
28
0.5
18
0.5
16
0.5
15
0.5
15
0.5
15
(1)
The enable time is a calculated value, derived using the formula shown in the Enable Times section.
www.ti.com
SN74AXC2T45-Q1
SCES928B – APRIL 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74AXC2T45-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com