Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS73A Datasheet(PDF) 11 Page - Texas Instruments

Part # SN54LS73A
Description  DUAL J-K FLIP-FLOPS WITH CLEAR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54LS73A Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN54LS73A Datasheet HTML 7Page - Texas Instruments SN54LS73A Datasheet HTML 8Page - Texas Instruments SN54LS73A Datasheet HTML 9Page - Texas Instruments SN54LS73A Datasheet HTML 10Page - Texas Instruments SN54LS73A Datasheet HTML 11Page - Texas Instruments SN54LS73A Datasheet HTML 12Page - Texas Instruments SN54LS73A Datasheet HTML 13Page - Texas Instruments SN54LS73A Datasheet HTML 14Page - Texas Instruments SN54LS73A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9675101QDA
W
CFP
14
25
506.98
26.16
6220
NA
SN74LS73AN
N
PDIP
14
25
506
13.97
11230
4.32
SN74LS73AN
N
PDIP
14
25
506
13.97
11230
4.32
SN74LS73AN.A
N
PDIP
14
25
506
13.97
11230
4.32
SN74LS73AN.A
N
PDIP
14
25
506
13.97
11230
4.32
SN74LS73ANE4
N
PDIP
14
25
506
13.97
11230
4.32
SN74LS73ANE4
N
PDIP
14
25
506
13.97
11230
4.32
SNJ54LS73AW
W
CFP
14
25
506.98
26.16
6220
NA
SNJ54LS73AW.A
W
CFP
14
25
506.98
26.16
6220
NA
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com