Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01M1 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS01M1
Description  BOS 6K-XT-LS10-S49
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01M1 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS01M1 Datasheet HTML 1Page - Balluff Korea Ltd. BOS01M1 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS 6K-XT-LS10-S49
Order Code: BOS01M1
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 291959
ETIM 6.0: EC002716
BOS01M1_1.37_2025-03-27
2 / 2
Optical features
Average power Po max.
390 µW
Beam characteristic
Divergent
Laser class per IEC 60825-1
1
Light spot size
14 x 14 mm at 20 m
Light type
Laser red light
Principle of optical operation
Through-beam sensor (Emitter)
Pulse duration t max.
2.0 µs
Pulse frequency
13.3 kHz
Pulse power Pp max.
4.2 mW
Wave length
650 nm
Range/Distance
Range
0...18 m
Rated operating distance Sn
18 m, Adjustable
Remarks
When using as a UL product the ambient temperature Ta max. must not exceed 50°C.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
For additional information, refer to user's guide.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols
Warning Symbols
LASER CLASS 1 per IEC 60825-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com