Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01M1 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BOS01M1
Description  BOS 6K-XT-LS10-S49
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01M1 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BOS01M1 Datasheet HTML 1Page - Balluff Korea Ltd. BOS01M1 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photoelectric Sensors
BOS 6K-XT-LS10-S49
Order Code: BOS01M1
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 291959
ETIM 6.0: EC002716
BOS01M1_1.37_2025-03-27
1 / 2
1) Power, 2) Optical axis
Basic features
Approval/Conformity
cULus
CE
WEEE
Basic standard
IEC 60947-5-2
Principle of operation
Photoelectric sensor
Reference receiver
BOS 6K-..-LE10-..
Series
6K
Style
Square
Connection 90°
Display/Operation
Display
LED green: Power
Electrical connection
Connection
Connector, M8x1-Male, 3-pin
Polarity reversal protected
yes
Protection against device mix-ups
yes
Electrical data
No-load current Io max. at Ue
30 mA
Operating voltage Ub
10...30 VDC
Rated operating voltage Ue DC
24 V
Ripple max. (% of Ue)
12 %
Environmental conditions
Ambient temperature
-20...60 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 0.5 mm,
3x30 min
IP rating
IP67
IP rating per DIN 40050
IP69K
Functional safety
MTTF (40 °C)
426 a
Material
Housing material
ABS
Material sensing surface
PMMA
Mechanical data
Dimension
12 x 41 x 21.6 mm
Mounting part
Screw M3
n


Similar Part No. - BOS01M1

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOS01MU BALLUFF-BOS01MU Datasheet
113Kb / 3P
Photoelectric Sensors
2024-10-07
More results

Similar Description - BOS01M1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXXXXR230-SXX00-A CREE-CXXXXR230-SXX00-A Datasheet
239Kb / 4P
XT™Rectangular LEDs
CXXXXR230-SXX00-X CREE-CXXXXR230-SXX00-X Datasheet
232Kb / 4P
XT™Rectangular LEDs
logo
Tumbler Technologies + ...
T2-2S0505EH TRUMPOWER-T2-2S0505EH Datasheet
29Kb / 1P
DC/DC CONVERTERS 6K VDC Isolation, 2 Watt
logo
Amphenol Corporation
MA700 AMPHENOL-MA700 Datasheet
54Kb / 4P
Nominal 6K/30K 廓at 77째F (25째C)
logo
Ralston Instruments.
XTHA-HSTS RALSTON-XTHA-HSTS_19 Datasheet
213Kb / 1P
Male Quick-test XT x male Quick-test XT x male Quick-test XT hose tee, S.S
XTFT-HHSB RALSTON-XTFT-HHSB_19 Datasheet
490Kb / 1P
Male Quick-test XT x male Quick-test XT bulkhead
logo
Balluff Korea Ltd.
BES01AN BALLUFF-BES01AN Datasheet
107Kb / 2P
BES 516-324-G-E4-C-S49-00,2
logo
Schneider Electric
STBXBE1300K SCHNEIDER-STBXBE1300K Datasheet
118Kb / 3P
Modicon STB - BOS internal bus extension kit
Apr 8, 2022
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
Balluff Korea Ltd.
18E-PO-1YA-E5-D-S4 BALLUFF-18E-PO-1YA-E5-D-S4 Datasheet
220Kb / 2P
BOS 18E-PO-1YA-E5-D-S4 BOS0015
09-03-17_18:50
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com