Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY58 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BCY58
Description  LOW NOISE AUDIO AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BCY58 Datasheet(HTML) 2 Page - STMicroelectronics

  BCY58 Datasheet HTML 1Page - STMicroelectronics BCY58 Datasheet HTML 2Page - STMicroelectronics BCY58 Datasheet HTML 3Page - STMicroelectronics BCY58 Datasheet HTML 4Page - STMicroelectronics BCY58 Datasheet HTML 5Page - STMicroelectronics BCY58 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rth j-cas e
R th j-amb
Thermal Resistance Junction-case
Thermal Resistance Junction-ambient
Max
Max
150
450
°C/W
°C/W
ELECTRICAL CHARACTERISTICS (T amb =25 °C unless otherwise specified)
Symbol
Parameter
Test Conditions
Mi n.
Typ.
Max.
Unit
I CE S
Collector Cutoff Current
(VBE =0)
For BCY58
VCE =32 V
VCE =32 V
For BCY59
VCE =45 V
VCE =45 V
T amb =150
°C
T amb =150
°C
0.1
0.1
0.1
0.1
10
10
10
10
nA
µA
nA
µA
I CE X
Collector Cutoff Current
(VBE = – 0.2 V)
For BCY58
VCE =32 V
For BCY59
VCE =45 V
T amb =100 °C
T amb =100 °C
20
20
µA
µA
I EBO
Emitter cutoff Current
(IC =0)
VEB =5 V
10
nA
V(BR)CE O *
Collector-emitter Breakdown
Voltage (IB =0)
I C = 2 mA
For BCY58
For BCY59
32
45
V
V
(BR)EBO *
Emitter-base Breakdown Voltage
(IC =0)
I E =10 µA7
V
VCE(sat)*
Collector-Emitter Saturation
Voltage
I C =10 mA
I C =100 mA
I B = 0.25 mA
I B = 2.5 mA
0.12
0.4
0.35
0.7
V
V
VBE
Base-emitter Voltage
IC =2 mA
I C =100 mA
VCE =5 V
VCE =1 V
0.55
0.65
0.75
0.7
V
V
VBE( sat)*
Base-emitter Saturation Voltage
IC =10 mA
I C =100 mA
I B = 0.25 mA
I B = 2.5 mA
0.6
0.75
0.7
0.9
0.85
1.2
V
V
h FE*
DC Current Gain
I C =10
µA
I C =2 mA
I C =10 mA
I C =100 mA
VCE =5 V
Gr.VII
Gr.VIII
Gr.IX
Gr.X
VCE =5 V
Gr.VII
Gr.VIII
Gr.IX
Gr.X
VCE =1 V
Gr.VII
Gr.VIII
Gr.IX
Gr.X
VCE =1 V
Gr.VII
Gr.VIII
Gr.IX
Gr.X
20
40
100
120
120
180
250
380
80
80
120
160
240
40
40
45
60
60
195
100
140
195
280
350
170
250
350
500
365
175
260
365
520
630
220
310
460
630
*
Pulsed : pulse duration = 300
µs, duty cycle = 1 %.
BCY58-BCY59
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com