Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY58 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BCY58
Description  LOW NOISE AUDIO AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BCY58 Datasheet(HTML) 3 Page - STMicroelectronics

  BCY58 Datasheet HTML 1Page - STMicroelectronics BCY58 Datasheet HTML 2Page - STMicroelectronics BCY58 Datasheet HTML 3Page - STMicroelectronics BCY58 Datasheet HTML 4Page - STMicroelectronics BCY58 Datasheet HTML 5Page - STMicroelectronics BCY58 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Current Gain.
Collector-emitter Saturation Voltage.
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Conditions
Mi n.
Typ.
Max.
Unit
h fe
Small Signal Current Gain
I C =2 mA
f = 1 kHz
VCE =5 V
Gr.VII
Gr.VIII
Gr.IX
Gr.X
125
125
175
250
350
250
350
500
700
f T
Transition Frequency
I C =10 mA
f = 100 MHz
VCE =5 V
200
MHz
C EBO
Emitter-base Capacitance
I C =0
f= 1 MHz
VEB = 0.5 V
11
15
pF
C CBO
Collector-base Capacitance
I E =0
f= 1 MHz
VCB =10 V
3.5
6
pF
NF
Noise Figure
I C = 0.2 mA
Rg =2 k
Ω
VCE =5 V
f = 1 kHz
2
6
dB
t on
Turn-on Time
I C =10 mA
I B1 =1 mA
I C =100 mA
I B1 =10 mA
VCC =10 V
VCC =10 V
85
55
150
150
ns
ns
t off
Turn-off Time
I C =10 mA
I B1 =– I B2 =1
I C =100 mA
I B1 =– I B2 =10
VCC =10 V
mA
VCC =10 V
mA
480
480
800
800
ns
ns
*
Pulsed : pulse duration = 300
µs, duty cycle = 1 %.
BCY58-BCY59
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com