Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88007K. Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # 88007K.
Description  Unique Surface Probes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

88007K. Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  88007K. Datasheet HTML 1Page - Omega Engineering, Inc. 88007K. Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Unique Surface Probes
Model No. 88106(*)
Right-angle probe for
fast response times.
Sheath length is
102 mm (4"). Max
surface temperature
is 760°C (1400°F).
Replaceable Element
not supplied, order
Model No. 88106(*)-RE
Right-angle, long
reach probe with fast
response design. Sheath
length is 203 mm (8"),
with 760°C (1400°F) max
surface temperature.
Replaceable Element
not supplied, order
Model No. 88107(*)-RE
Model No. 88010(*)
Long, 300 mm (12") reach
version of the 88006. Fast
response design with 760°C
(1400°F) max surface
temperature for use in oven
and furnaces.
Replaceable Element not supplied,
order
Model No. 88010(*)-RE
* Specify Calibration:
K: CHROMEGA®-ALOMEGA®
E: CHROMEGA®-Constantan
Model No. 88107(*)
All models shown
smaller than actual size.
For Temperatures
up to 760° C
(1400°F)
Model No. 88108(*)
Right-angle, long 300 mm
(12") reach probe with fast
response design. 760°C
(1400°F) max surface
temperature.
Replaceable Element
not supplied, order
Model No. 88108(*)-RE
Ordering Example:
88018K, Type K surface probe.
1
All models supplied
with a molded SMP or
SMPW subminiature
male connector and
TAS adaptor.
TAS adaptor
For a male straight M8 plug add
“M8-S-M” to
the model number and additional cost to the
price, for a male straight M12 plug add
“M12-S-M” to the model number and
additional cost to the price.
For a male right-angled M8 plug add
“M8-R-M” to the model number and additional
cost to the price, for a male right-angled M12
plug add
“M12-S-M” to the model number and
additional cost to the price.
Visit us online for dimensions.
All the probes in this series
meet the Standard Limits of Error.


Similar Part No. - 88007K.

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
88007K OMEGA-88007K Datasheet
6Mb / 5P
Unique Surface Probes
More results

Similar Description - 88007K.

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3863-TR1G AVAGO-HSMP-3863-TR1G Datasheet
356Kb / 10P
Unique Configurations in Surface Mount Packages
logo
List of Unclassifed Man...
TAP2500 ETC2-TAP2500 Datasheet
229Kb / 6P
Active Probes
TDP1500 ETC2-TDP1500 Datasheet
258Kb / 8P
Differential Probes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-BLKG AVAGO-HSMP-3864-BLKG Datasheet
273Kb / 10P
Unique Configurations in Surface Mount Packages
HSMP-389T-BLKG AVAGO-HSMP-389T-BLKG Datasheet
332Kb / 13P
Unique Configurations in Surface Mount Packages
logo
Extech Instruments Corp...
409997 EXTECH-409997 Datasheet
180Kb / 1P
Temperature Probes
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
Temperature Probes
logo
TEKTRONIX, INC.
P6248 TEKTRONIX-P6248 Datasheet
529Kb / 10P
Differential Probes
logo
Teledyne Technologies I...
CP030 TELEDYNE-CP030 Datasheet
847Kb / 4P
Current Probes
logo
Vaisala
HPP270 VAISALA-HPP270 Datasheet
334Kb / 4P
Probes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com