Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88007K. Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # 88007K.
Description  Unique Surface Probes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

88007K. Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  88007K. Datasheet HTML 1Page - Omega Engineering, Inc. 88007K. Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model No. 88007(*)
Miniature, fast response
probe. Ideal for measuring
the surface temperature
of small electronic parts.
250°C (480°F) max
surface temperature.
Replaceable Element supplied free,
for additional elements order
Model No. 88007(*)-RE
Model No. 88006(*)
Miniature, fast response
probe with 480°C (900°F) max
surface temperature. Ideal for
surface temperatures of small
electronic parts.
Replaceable Element not supplied,
Model No. 88006(*)-RE
Replaceable Element Design
Customer Replaceable Element: Probe is supplied with one additional
element.
Factory Replaceable Element: OMEGA® can install replaceable elements and
check the probe for an additional cost, with the first replacement free! For non-
replaceable element probes, replacement probes are available with a one time
trade-in discount. Please contact our Customer Service Department for details.
To order Replaceable Elements, add suffix “
-RE” to model number.
Ordering Example: 88026K-RE for 88026K probe.
* Insert calibration needed, e.g. K (Type K thermocouple).
Model No. 88016(*) High temperature, right-angle probe, with miniature
pencil type head. Best suited to stationary surfaces,
with sensing head parallel to the handle. 480°C (900°F)
max surface temperature.
Replaceable Element not supplied, order
Model No. 88016(*)-RE
Model No. 88007K and replaceable
element, Model No. 88007K-RE.
Model No. 88026(*) High temperature, right-angle probe, with
miniature pencil type head. Best suited to stationary
surfaces, with sensing head perpendicular to the handle.
480°C (900°F) max surface temperature.
Replaceable Element not supplied, order
Model No. 88026(*)-RE
Miniature connector.
* Specify calibration: K - Type K Thermocouple E - Type E Thermocouple
Ordering Example: 88007K probe with type K Thermocouple.
Visit us online for dimensions.
All models shown
smaller than actual size.
2
All models supplied
with a molded SMP or
SMPW subminiature
male connector and
TAS adaptor.
TAS adaptor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com