Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC398QS16G Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC398QS16G
Description  8Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC398QS16G Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC398QS16G_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC398QS16G_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC398QS16G_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC398QS16G_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC398QS16G_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC398QS16G_06 Datasheet HTML 6Page - Hittite Microwave Corporation HMC398QS16G_06 Datasheet HTML 7Page - Hittite Microwave Corporation HMC398QS16G_06 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
9
9 - 53
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
Vcc1, Vcc2
+5.5
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Vtune
0 to 11V
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO
PCB RF GROUND.
Typical Supply Current vs. Vcc
Note: VCO will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
4.75
300
5.0
325
5.25
350
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC398QS16G / 398QS16GE
Ku-Band MMIC VCO with
DIVIDE-BY-8, 14.0 - 15.0 GHz
v02.0805
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC398QS16G
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H398
XXXX
HMC398QS16GE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H398
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com