Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC398QS16G Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC398QS16G
Description  8Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC398QS16G Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC398QS16G_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC398QS16G_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC398QS16G_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC398QS16G_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC398QS16G_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC398QS16G_06 Datasheet HTML 6Page - Hittite Microwave Corporation HMC398QS16G_06 Datasheet HTML 7Page - Hittite Microwave Corporation HMC398QS16G_06 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
9
9 - 55
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and backside ground slug should be
connected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
Evaluation PCB
Item
Description
J1 - J4
PCB Mount SMA RF Connector
J5 - J6
2 mm DC Header
C1 - C2
10 μF Tantalum Capacitor
C3 - C6
1,000 pF Capacitor 0402 Pkg.
U1
HMC398QS16G / HMC398QS16GE VCO
PCB [2]
104436 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC398QS16G / 398QS16GE
Ku-Band MMIC VCO with
DIVIDE-BY-8, 14.0 - 15.0 GHz
v02.0805
List of Materials for Evaluation PCB 104711 [1]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com