Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND9621 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AND9621
Description  AX Development Systems - Troubleshooting Guide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND9621 Datasheet(HTML) 2 Page - ON Semiconductor

  AND9621 Datasheet HTML 1Page - ON Semiconductor AND9621 Datasheet HTML 2Page - ON Semiconductor AND9621 Datasheet HTML 3Page - ON Semiconductor AND9621 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AND9621/D
www.onsemi.com
2
APPLICATIONS INFORMATION
Q1: When running the AX::CodeBlocks IDE, I get the
following pop−up message when I try to debug. What
does it mean?
Figure 1.
A1: There are several reasons that this pop−up message
can occur.
The most likely cause for this pop−up is the ribbon cable
between the AXDBG−2−GEVK board and the development
board is not plugged in correctly. The debug link will not
work and you will get the message shown above.
The header for the ribbon cable is keyed on
AXDBG−2−GEVK, and the ribbon cable should plug into
the development board such that the ribbon cable faces away
from the development board (as shown below).
Figure 2.
If the ribbon cable is plugged in correctly and the pop−up
message is given, then the microcontroller is locked with a
key. The locking is normally done as a security measure to
avoid that the software can be read out or modified.
If “Yes” is selected on the pop−up, all the factory
calibration and any software stacks will be erased. Normally
“No” is the appropriate response.
NOTE: Devices that are sold pre−programmed with
software stacks (with AT interface, such as
AX−SFUS) are locked at the factory and the key
is a secret. If reprogramming is attempted the
calibration data and the software stack will be
erased and this is non−recoverable and will
render the chip inoperable.
If problems remain, please review Q2 for tips on solving
debug link and serial communication problems.
Q2: I’m having serial communication problems or
can’t get the AX debug link to connect to the
development board. What can I do?
A2: First check that the ribbon cable is plugged in
correctly as shown in Q1 of this document.
If the cable is plugged in correctly, then there may be a
problem with the virtual COM port.
Open the Windows device manager and verify a COM
port is shown that corresponds to the AXDBG−2−GEVK
board. See the picture below (USB Serial Port – COM8 in
this example).
If needed unplug and re−plug the AXDBG−2−GEVK
board to verify that a COM port is associated with it. The
first time an AXDBG−2−GEVK is plugged in, Windows
may need time to find the driver. This normally takes less
than 5 minutes.
Once a valid driver is installed and the COM port shows
up, there will be two serial converters, A and B, as shown in
the picture below.
Figure 3.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com