Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND9621 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AND9621
Description  AX Development Systems - Troubleshooting Guide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND9621 Datasheet(HTML) 3 Page - ON Semiconductor

  AND9621 Datasheet HTML 1Page - ON Semiconductor AND9621 Datasheet HTML 2Page - ON Semiconductor AND9621 Datasheet HTML 3Page - ON Semiconductor AND9621 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AND9621/D
www.onsemi.com
3
The AXDBG−2−GEVK uses the USB Serial Converter B.
Right click on the B instance, and under the advanced
properties, make sure that enable VCP is selected. VCP
stands for Virtual COM Port. See the picture below.
Figure 4.
If the AXDBG−2−GEVK still doesn’t connect, than its
likely the EEPROM for the FTDI USB to serial chip has not
been programmed or has somehow been erased.
Issuing the following command from a CMD window will
program the FTDI EEPROM.
axftdieeprog.exe -p -f -s 3 -B
The “−s 3” part of the command specifies to make the
debugger number 3. For more details refer to application
note AND9330, production programming.
Now the debugger should work. Verify from the CMD
window by issuing:
axsdb --listserials
The command should return a 3 if the debugger is found.
For more debug interface information, refer to application
note AND9370, debug interface software manual.
Q3: I Installed AX::CodeBlocks but the SDCC compiler
is not in my path. What should I do?
A3: The easiest solution is to uninstall RadioLAB and the
AX::CodeBlocks IDE package from your machine.
Before reinstalling, make sure that the debugger is NOT
plugged in and also that the AX::CodeBlocks IDE installer
is ran BEFORE the RadioLab installer.
If the installation is done in the right order, the SDCC
compiler should be available from CodeBlocks when started
for the first time. See the Figure 5.
Figure 5.
If you know the SDCC compiler is installed and you get
errors related to the compiler path not found, it’s also
possible to set the compiler path in AX::CodeBlocks by
activating the following menu Settings−>Compiler.
Then change the default compiler to SDCC as shown
below.
Figure 6.
It may also be useful to verify that the SDCC compiler is
in the search path as shown in Figure 7.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com