Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOD260LS Datasheet(PDF) 13 Page - ON Semiconductor

Part # FOD260LS
Description  3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD260LS Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FOD260LS Datasheet HTML 9Page - ON Semiconductor FOD260LS Datasheet HTML 10Page - ON Semiconductor FOD260LS Datasheet HTML 11Page - ON Semiconductor FOD260LS Datasheet HTML 12Page - ON Semiconductor FOD260LS Datasheet HTML 13Page - ON Semiconductor FOD260LS Datasheet HTML 14Page - ON Semiconductor FOD260LS Datasheet HTML 15Page - ON Semiconductor FOD260LS Datasheet HTML 16Page - ON Semiconductor FOD260LS Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD060L, FOD260L Rev. 1.0.5
1
2
Carrier Tape Specification (Continued)
Option S
Symbol
Description
Dimension in mm
WTape Width
16.0 ± 0.3
tTape Thickness
0.30 ± 0.05
P0
Sprocket Hole Pitch
4.0 ± 0.1
D0
Sprocket Hole Diameter
1.55 ± 0.05
E
Sprocket Hole Location
1.75 ± 0.10
FPocket Location
7.5 ± 0.1
P2
2.0 ± 0.1
PPocket Pitch
12.0 ± 0.1
A0
Pocket Dimensions
10.30 ±0.20
B0
10.30 ±0.20
K0
4.90 ±0.20
W1
Cover Tape Width
13.2 ± 0.2
dCover Tape Thickness
0.1 max
Max. Component Rotation or Tilt
10°
R
Min. Bending Radius
30
d
0
P
t
2
D0
1
1
W
User Direction of Feed
0
K
B0
A0
W
E
D
F
P
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com