Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOD260LS Datasheet(PDF) 3 Page - ON Semiconductor

Part # FOD260LS
Description  3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD260LS Datasheet(HTML) 3 Page - ON Semiconductor

  FOD260LS Datasheet HTML 1Page - ON Semiconductor FOD260LS Datasheet HTML 2Page - ON Semiconductor FOD260LS Datasheet HTML 3Page - ON Semiconductor FOD260LS Datasheet HTML 4Page - ON Semiconductor FOD260LS Datasheet HTML 5Page - ON Semiconductor FOD260LS Datasheet HTML 6Page - ON Semiconductor FOD260LS Datasheet HTML 7Page - ON Semiconductor FOD260LS Datasheet HTML 8Page - ON Semiconductor FOD260LS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD060L, FOD260L Rev. 1.0.5
2
Absolute Maximum Ratings (No derating required up to 85°C)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
*6.3 mA is a guard banded value which allows for at least 20% CTR degradation. Initial input current threshold value is 5.0 mA or less.
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +85
°C
EMITTER
IF
DC/Average Forward Input Current
50
mA
VE
Enable Input Voltage, not to exceed VCC by more than 500 mV
VCC + 0.5V
V
VR
Reverse Input Voltage
5.0
V
PI
Power Dissipation
45
mW
DETECTOR
VCC
(1 minute max)
Supply Voltage
7.0
V
IO
Output Current
50
mA
VO
Output Voltage
7.0
V
PO
Collector Output Power Dissipation
85
mW
Symbol
Parameter
Min.
Max.
Units
IFL
Input Current, Low Level
0
250
µA
IFH
Input Current, High Level
*6.3
15
mA
VCC
Supply Voltage, Output
3.0
5.5
V
VEL
Enable Voltage, Low Level
0
0.8
V
VEH
Enable Voltage, High Level
2.0
VCC
V
TA
Operating Temperature
-40
+85
°C
NFan Out (TTL load)
8
RL
Output Pull-up Resistor
330
4K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com