Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5342ADDVR Datasheet(PDF) 22 Page - Texas Instruments

Part # TAS5342ADDVR
Description  TAS5342A 100-W Stereo Digital Amplifier Power Stage
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5342ADDVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5342ADDVR Datasheet HTML 18Page - Texas Instruments TAS5342ADDVR Datasheet HTML 19Page - Texas Instruments TAS5342ADDVR Datasheet HTML 20Page - Texas Instruments TAS5342ADDVR Datasheet HTML 21Page - Texas Instruments TAS5342ADDVR Datasheet HTML 22Page - Texas Instruments TAS5342ADDVR Datasheet HTML 23Page - Texas Instruments TAS5342ADDVR Datasheet HTML 24Page - Texas Instruments TAS5342ADDVR Datasheet HTML 25Page - Texas Instruments TAS5342ADDVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
GVDD (+12V)
VDD (+12V)
PVDD
PVDD
GVDD (+12V)
PVDD
A
A
B
C
D
PVDD
B
PVDD
C
PVDD
D
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
TAS5508/18
PWM1_P
PWM2_P
PWM3_P
PWM4_P
VALID
Microcontroller
I2C
100nF
50V
100nF
50V
100nF
100nF
10nF
50V
10nF
50V
10nF
50V
10nF
50V
2
1
100nF
50V
100nF
50V
3.3R
3.3R
100nF
50V
100nF
50V
10nF
50V
10nF
50V
2
1
3.3R
3.3R
0R
0R
1
2
10nF
50V
10nF
50V
2
1
10nF
50V
10nF
50V
2
1
100nF
50V
100nF
50V
3.3R
3.3R
33nF
25V
33nF
25V
2
1
470uF
50V
470uF
50V
3.3R
3.3R
10nF
50V
10nF
50V
2
1
100nF
50V
100nF
50V
470uF
50V
470uF
50V
10k
1%
10k
1%
33nF
25V
33nF
25V
2
1
470uF
50V
470uF
50V
100nF
100nF
2
1
10nF
50V
10nF
50V
470uF
50V
470uF
50V
3.3R
3.3R
3.3R
3.3R
22k
22k
1
2
100nF
50V
100nF
50V
3.3R
3.3R
470uF
50V
470uF
50V
10k
1%
10k
1%
TAS5342ADDV
TAS5342ADDV
GVDD_B
1
OTW
2
SD
5
PWM_A
6
RESET_AB
7
PWM_B
8
OC_ADJ
9
GND
10
AGND
11
VREG
12
M3
13
M2
14
M1
15
PWM_C
16
RESET_CD
17
PWM_D
18
GVDD_C
22
GVDD_D
23
BST_D
24
PVDD_D
27
OUT_D
28
GND_D
29
GND_C
30
OUT_C
31
PVDD_C
32
BST_C
33
BST_B
34
PVDD_B
35
OUT_B
36
GND_B
37
GND_A
38
VDD
21
GVDD_A
44
BST_A
43
PVDD_A
40
OUT_A
39
NC
3
NC
4
NC
19
NC
20
NC
25
PVDD_D
26
PVDD_A
41
NC
42
2.2R
2.2R
20uH
20uH
1
2
470uF
50V
470uF
50V
3.3R
3.3R
100nF
100nF
470uF
50V
470uF
50V
10k
1%
10k
1%
10k
10k
100nF
50V
100nF
50V
100nF
50V
100nF
50V
20uH
20uH
1
2
33nF
25V
33nF
25V
2
1
10k
10k
100nF
50V
100nF
50V
100nF
100nF
2.2R
2.2R
1uF
1uF
10k
10k
33nF
25V
33nF
25V
2
1
100nF
100nF
20uH
20uH
1
2
470uF
50V
470uF
50V
10k
1%
10k
1%
1uF
1uF
2.2R
2.2R
3.3R
3.3R
20uH
20uH
1
2
10nF
50V
10nF
50V
2
1
10k
10k
10k
1%
10k
1%
100nF
100nF
10k
1%
10k
1%
1uF
1uF
10k
1%
10k
1%
470uF
50V
470uF
50V
100nF
50V
100nF
50V
100nF
50V
100nF
50V
2.2R
2.2R
10k
1%
10k
1%
1uF
1uF
10nF
50V
10nF
50V
2
1
10nF
50V
10nF
50V
2
1
470uF
50V
470uF
50V
3.3R
3.3R
100nF
50V
100nF
50V
Copyright © 2016, Texas Instruments Incorporated
22
TAS5342A
SLAS623A – NOVEMBER 2008 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: TAS5342A
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
8.2.3 Typical SE Application
Design Requirements Typical SE
Figure 16. Typical SE Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com