Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5342ADDVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5342ADDVR
Description  TAS5342A 100-W Stereo Digital Amplifier Power Stage
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5342ADDVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5342ADDVR Datasheet HTML 3Page - Texas Instruments TAS5342ADDVR Datasheet HTML 4Page - Texas Instruments TAS5342ADDVR Datasheet HTML 5Page - Texas Instruments TAS5342ADDVR Datasheet HTML 6Page - Texas Instruments TAS5342ADDVR Datasheet HTML 7Page - Texas Instruments TAS5342ADDVR Datasheet HTML 8Page - Texas Instruments TAS5342ADDVR Datasheet HTML 9Page - Texas Instruments TAS5342ADDVR Datasheet HTML 10Page - Texas Instruments TAS5342ADDVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7
TAS5342A
www.ti.com
SLAS623A – NOVEMBER 2008 – REVISED NOVEMBER 2016
Product Folder Links: TAS5342A
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
6.6
Audio Specifications (BTL)
Audio performance is recorded as a chipset consisting of a TAS5518 pwm processor (modulation index limited to 97.7%) and
a TAS5342A power stage. PCB and system configuration are in accordance with recommended guidelines. Audio frequency
= 1 kHz, PVDD_x = 31.5 V, GVDD_x = 12 V, RL = 4 Ω, fS = 384 kHz, ROC = 27 kΩ, TC = 75°C, Output Filter: LDEM = 10 μH,
CDEM = 470 nF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POMAX
Maximum Power Output
RL = 4 Ω, 10% THD+N, clipped input signal
100
W
RL = 6 Ω, 10% THD+N, clipped input signal
80
RL = 8 Ω, 10% THD+N, clipped input signal
65
PO
Unclipped Power Output
RL = 4 Ω, 0 dBFS, unclipped input signal
80
RL = 6 Ω, 0 dBFS, unclipped input signal
64
RL = 8 Ω, 0 dBFS, unclipped input signal
50
THD+N
Total harmonic distortion + noise
0 dBFS; AES17 filter
0.4%
1 W; AES17 filter
0.09%
Vn
Output integrated noise
A-weighted, AES17 filter, Auto mute disabled
45
μV
SNR
Signal-to-noise ratio (1)
A-weighted, AES17 filter, Auto mute disabled
110
dB
DNR
Dynamic range
A-weighted, input level = –60 dBFS, AES17
filter
110
dB
DC Offset
Output offset voltage
±15
mV
Pidle
Power dissipation due to idle losses
(IPVDD_X)
PO = 0 W, all halfbridges switching
(2)
2
W
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
6.7
Audio Specifications (Single-Ended Output)
Audio performance is recorded as a chipset consisting of a TAS5086 pwm processor (modulation index limited to 97.7%) and
a TAS5342A power stage. PCB and system configuration are in accordance with recommended guidelines. Audio frequency
= 1 kHz, PVDD_x = 31.5 V, GVDD_x = 12 V, RL = 4 Ω, fS = 384 kHz, ROC = 27 kΩ, TC = 75°C, Output Filter: LDEM = 20 μH,
CDEM = 1 μF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POMAX
Maximum Power Output
RL = 3 Ω, 10% THD+N, clipped input
signal
40
W
RL = 4 Ω, 10% THD+N, clipped input
signal
30
PO
Unclipped Power Output
RL = 3 Ω, 0 dBFS, unclipped input signal
30
RL = 4 Ω, 0 dBFS, unclipped input signal
20
THD+N
Total harmonic distortion + noise
0 dBFS; AES17 filter
0.2%
1 W; AES17 filter
0.1%
Vn
Output integrated noise
A-weighted, AES17 filter, Auto mute
disabled
35
μV
SNR
Signal-to-noise ratio(1)
A-weighted, AES17 filter, Auto mute
disabled
109
dB
DNR
Dynamic range
A-weighted, input level = –60 dBFS
AES17 filter
109
dB
Pidle
Power dissipation due to idle losses (IPVDD_X)
PO = 0 W, all half bridges switching
(2)
2
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com