Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5624ADDVR Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS5624ADDVR
Description  TAS5624A 150-W Stereo and 300-W Mono PurePath™ HD Digital Input Class-D Power Stage
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5624ADDVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5624ADDVR Datasheet HTML 17Page - Texas Instruments TAS5624ADDVR Datasheet HTML 18Page - Texas Instruments TAS5624ADDVR Datasheet HTML 19Page - Texas Instruments TAS5624ADDVR Datasheet HTML 20Page - Texas Instruments TAS5624ADDVR Datasheet HTML 21Page - Texas Instruments TAS5624ADDVR Datasheet HTML 22Page - Texas Instruments TAS5624ADDVR Datasheet HTML 23Page - Texas Instruments TAS5624ADDVR Datasheet HTML 24Page - Texas Instruments TAS5624ADDVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
TAS5624A
www.ti.com
SLAS844A – MAY 2012 – REVISED JANUARY 2016
10.2.1.1 Design Requirements
Table 5 lists the design parameters of Figure 16.
Table 5. Design Requirements
PARAMETER
VALUE
Digital regulator supply
12 V
Full-bridge power supply
12 V to 38 V
PWM modulator
TAS5558
Output filters
Inductor-capacitor lowpass filter
Speaker
2.5
Ω minimum
10.2.1.2 Detailed Design Procedure
Using Figure 16 as a guide, integrate the hardware into the system schematic.
Following the recommended component placement, schematic layout and routing given in Layout Example,
integrate the device and its supporting components into the system PCB file.
•
The most critical section of the circuit is the power supply inputs, the amplifier output signals, and the high-
frequency signals which go to the serial audio port. TI recommends that these be constructed to ensure they
are given precedent as design trade-offs are made.
•
For questions and support go to the E2E Forum at www.e2e.ti.com. If it is necessary to deviate from the
recommended layout, please visit the E2E Forum to request a layout review.
10.2.1.2.1
Pin Connections
•
Pin 1 - GVDD_AB is the gate-drive voltage for half-bridges A and B. It needs a 3.3-
Ω isolation resistor and a
0.1-µF decoupling capacitor.
•
Pin 2 - VDD is the supply for internal voltage regulators AVDD and DVDD. It needs a 10-µF bulk capacitor
and a 0.1-µF decoupling capacitor.
•
Pin 3 - Roc adjust is the overcurrent programming resistor. Depending on the application, this resistor can be
between 24 k
Ω to 68 kΩ.
•
Pin 4 - RESET pin when asserted, it keeps outputs Hi-Z and no PWM switching. This pin can be controlled by
a microprocessor.
•
Pins 5 and 6 - These are PWM(+) and PWM(–) pins with signals provided by a PWM modulator such as the
TAS5558. These are PWM differential pairs.
•
Pin 7 - Start-up ramp capacitor must be 1 µF for SE configuration.
•
Pin 8 - Digital output supply pin is connected to 1-µF decoupling capacitor.
•
Pins 9-12 - Ground pins are connected to board ground.
•
Pin 13 - Analog output supply pin is connected to 1-µF decoupling capacitor.
•
Pins 14 and 15 - These are PWM(+) and PWM(–) pins with signals provided by a PWM modulator such as
the TAS5558. These are PWM differential pair.
•
Pin 16 - Fault pin can be monitored by a microcontroller through GPIO pin. System can decide to assert reset
or shutdown.
•
Pin 17 - Overtemperature warning pin can be monitored by a microcontroller through a GPIO pin. System can
decide to turn on fan or lower output power.
•
Pin 18 - Output clip indicator can be monitored by a microcontroller through a GPIO pin. System can decide
to lower the volume.
•
Pins 19-21 - Mode pins set the input and output configurations. For this configuration M1-M3 are grounded.
These mode pins must be hardware configured, such as, not through GPIO pins from a microcontroller.
•
Pin 22 - GVDD_CD is the gate-drive voltage for half-bridges C and D. This pin needs a 3.3-
Ω isolation
resistor and a 0.1-µF decoupling capacitor.
•
Pins 23, 24, 43, 44 - Bootstrap pins for half-bridges A, B, C, and D. Connect 33 nF from this pin to
corresponding output pins.
•
Pins 25, 26, 33, 34, 41, 42 - These ground pins must be used to ground decoupling capacitors from PVDD_X.
•
Pins 27, 28, 32, 35, 39, 40 - Output pins from half-bridges A, B, C, and D. Connect appropriate bootstrap
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TAS5624A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com