Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5624ADDVR Datasheet(PDF) 22 Page - Texas Instruments

Part # TAS5624ADDVR
Description  TAS5624A 150-W Stereo and 300-W Mono PurePath™ HD Digital Input Class-D Power Stage
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5624ADDVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5624ADDVR Datasheet HTML 18Page - Texas Instruments TAS5624ADDVR Datasheet HTML 19Page - Texas Instruments TAS5624ADDVR Datasheet HTML 20Page - Texas Instruments TAS5624ADDVR Datasheet HTML 21Page - Texas Instruments TAS5624ADDVR Datasheet HTML 22Page - Texas Instruments TAS5624ADDVR Datasheet HTML 23Page - Texas Instruments TAS5624ADDVR Datasheet HTML 24Page - Texas Instruments TAS5624ADDVR Datasheet HTML 25Page - Texas Instruments TAS5624ADDVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
0
20
40
60
80
100
120
140
160
180
200
220
240
260
−10
0
10
20
30
40
50
60
70
80
90 100 110
TC − Case Temperature −°C
3
Ω
4
Ω
8
Ω
THD+N at 10%
G007
0
5
10
15
20
25
30
35
40
45
50
55
60
0
100
200
300
400
500
Total Output Power − W
3
4
8
TC = 75°C
G006
TAS5624A
SLAS844A – MAY 2012 – REVISED JANUARY 2016
www.ti.com
capacitors and differential LC filter as shown in Figure 20.
•
Pins 29, 30, 31, 36, 37, 38 - Power supply pins to half-bridges A, B, C, and D. A and B form a full-bridge and
C and D form another full-bridge. A 470-µF bulk capacitor is recommended for each full-bridge power pins.
Two 0.22-µF decoupling capacitors are placed on each full-bridge power pins. See Figure 20 for details.
10.2.1.3 Application Curves
Figure 17. System Power Loss vs Output Power
Figure 18. Output Power vs Temperature
10.2.2 Typical SE Configuration
See Figure 19 for application schematic. In this application, four single-ended PWM inputs are used with AD
modulation from the PWM modulator such as the TAS5558. AD modulation scheme is defined as PWM(+) is
opposite polarity from PWM(–). The single-ended (SE) output configuration is often used to drive four
independent channels in one TAS5622A device.
22
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: TAS5624A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com