Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET5402-RJ45 Datasheet(PDF) 1 Page - Edgecore Networks Corporation

Part # ET5402-RJ45
Description  10GBASE-T Copper SFP Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

ET5402-RJ45 Datasheet(HTML) 1 Page - Edgecore Networks Corporation

  ET5402-RJ45 Datasheet HTML 1Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 2Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 3Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 4Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 5Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
Transceiver
10GBASE-T Copper SFP Transceiver
ET5402-RJ45
Product Features
■ Hot-pluggable SFP footprint
■ Low power dissipation
■ Compact RJ-45 connector assembly
■ Detailed product information in EEPROM
■ +3.3V single power supply
■ 10 Gigabit Ethernet over Cat 6a cable
■ Commercial: 0°C to +65°C
Descriptions
The Copper SFP+ 10GBASE-T copper small form pluggable (SFP) transceivers are based on the SFP multi-source
agreement (MSA). They are compatible with the 10GBASE-T/5GBASE-T/2.5GBASE-T/1000BASE-T standards as
specified in IEEE Std. 802.3.


Similar Part No. - ET5402-RJ45

ManufacturerPart #DatasheetDescription
logo
Edgecore Networks Corpo...
ET5402-RJ45 EDGE-CORE-ET5402-RJ45 Datasheet
2Mb / 6P
L2/L3 Lite Gigabit Ethernet CSFP Switch with 4 10G and 2 20G Uplinks
More results

Similar Description - ET5402-RJ45

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCMJ-8520-3 FINISAR-FCMJ-8520-3 Datasheet
200Kb / 7P
1000BASE-T Copper SFP Transceiver
FCLF-8520-3 FINISAR-FCLF-8520-3 Datasheet
134Kb / 7P
1000BASE-T Copper SFP Transceiver
logo
Source Photonics, Inc.
FTM-C001R-LG SOURCE-FTM-C001R-LG Datasheet
240Kb / 8P
100BASE-T Copper SFP Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-02 BEL-SFP-1GBT-02_12 Datasheet
380Kb / 5P
SFP Copper Transceiver 1000Base-T GBIC
SFP-1GBT-06 BEL-SFP-1GBT-06_12 Datasheet
381Kb / 5P
SFP Copper Transceiver 1000Base-T GBIC
logo
Finisar Corporation.
FCLF8520P2BTL FINISAR-FCLF8520P2BTL Datasheet
99Kb / 7P
1000BASE-T RoHS Compliant Copper SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-RJK-01 PULSE-SFPT-RJK-01 Datasheet
163Kb / 7P
1000BASE-T Copper SFP Transceiver
logo
Finisar Corporation.
FCLF-8520 FINISAR-FCLF-8520 Datasheet
148Kb / 7P
1000BASE-T COPPER SFP Optical Transceiver
logo
ATGBICS by Approved Tec...
PAN-SFP-PLUS-10GBASE-T-C ATGBICS-PAN-SFP-PLUS-10GBASE-T-C Datasheet
223Kb / 6P
PAN-SFP-PLUS-10GBASE-T Palo Alto Compatible Transceiver SFP 100/1000/10000Base T (Copper RJ45, 30m)
SFP-10GBASE-T-C ATGBICS-SFP-10GBASE-T-C Datasheet
222Kb / 6P
SFP-10GBASE-T Nutanix Compatible Transceiver SFP 100/1000/10000Base T (Copper RJ45, 30m)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com