Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET5402-RJ45 Datasheet (PDF) - Edgecore Networks Corporation

ET5402-RJ45 Datasheet PDF - Edgecore Networks Corporation
Part # ET5402-RJ45
Download  ET5402-RJ45 Download
File Size   2150.61 Kbytes
Page   6 Pages
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation
Description L2/L3 Lite Gigabit Ethernet CSFP Switch with 4 10G and 2 20G Uplinks

ET5402-RJ45 Datasheet (PDF)

Go To PDF Page Download Datasheet
ET5402-RJ45 Datasheet PDF - Edgecore Networks Corporation

Part # ET5402-RJ45
Download  ET5402-RJ45 Click to download

File Size   2150.61 Kbytes
Page   6 Pages
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation
Description L2/L3 Lite Gigabit Ethernet CSFP Switch with 4 10G and 2 20G Uplinks

ET5402-RJ45 Datasheet (HTML) - Edgecore Networks Corporation


ET5402-RJ45 Product details

Key Features and Benefits
Performance and Scalability
The Edgecore ECS4530 Series is a high-performance Gigabit
Ethernet Layer 2+ managed switch with 256Gbps switching
capacity. The switch delivers wire-speed switching
performance on all Gigabit ports, taking full advantage of
existing high-performance Gigabit fiber IAD, CPEs, and access
switches with Gigabit fiber uplinks etc, significantly improving
the responsiveness of applications and file transfer times.
There are 24 CSFP ports, and by inserting a CSFP transceiver
that supports two BIDI fiber ports, each port can connect to two
CPE/IAD devices, so the total number of physical ports is 48.
The four built-in 10G SFP+ ports provide uplink flexibility,
allowing the insertion of fiber or copper, Gigabit or 10G
transceivers, to create 10 Gbps high-speed uplinks to servers or
service provider, corporate, or campus networks, reducing
bottlenecks and increasing the performance of the access
network.




Similar Part No. - ET5402-RJ45

ManufacturerPart #DatasheetDescription
logo
Edgecore Networks Corpo...
ET5402-RJ45 EDGE-CORE-ET5402-RJ45 Datasheet
983Kb / 5P
10GBASE-T Copper SFP Transceiver
More results


Similar Description - ET5402-RJ45

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7442 VITESSE-VSC7442 Datasheet
306Kb / 2P
52-Port L2/L3 Enterprise and Industrial Ethernet Switch
VSC7444 VITESSE-VSC7444 Datasheet
341Kb / 2P
26-Port L2/L3 Enterprise Gigabit Ethernet Switch
VSC7448 VITESSE-VSC7448 Datasheet
361Kb / 2P
52-Port L2/L3 Enterprise Gigabit Ethernet Switch
logo
Level One
GEL-2670 LVL1-GEL-2670 Datasheet
421Kb / 5P
26-Port L2 Managed Gigabit Ethernet Switch, 2 x SFP
GTL-2890 LVL1-GTL-2890 Datasheet
235Kb / 4P
28-Port L3 Managed Gigabit Ethernet Switch, 4 x SFPplus 10-Gigabit
GTL-5260 LVL1-GTL-5260 Datasheet
219Kb / 4P
52-Port L2 Managed Gigabit Ethernet Switch, 4 x SFPplus 10-Gigabit
logo
Microsemi Corporation
VSC7442-02 MICROSEMI-VSC7442-02 Datasheet
4Mb / 520P
Family of L2/L3 Enterprise Gigabit Ethernet Switches with 10 Gbps Links
VSC7449-01 MICROSEMI-VSC7449-01 Datasheet
304Kb / 2P
52-Port L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
VSC7440 MICROSEMI-VSC7440 Datasheet
6Mb / 444P
L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
logo
Microchip Technology
SPARX-5 MICROCHIP-SPARX-5 Datasheet
4Mb / 604P
SparX-5 Family of L2/L3 Enterprise 10G Ethernet Switches
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com