Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET5402-RJ45 Datasheet(PDF) 2 Page - Edgecore Networks Corporation

Part # ET5402-RJ45
Description  L2/L3 Lite Gigabit Ethernet CSFP Switch with 4 10G and 2 20G Uplinks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

ET5402-RJ45 Datasheet(HTML) 2 Page - Edgecore Networks Corporation

  ET5402-RJ45 Datasheet HTML 1Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 2Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 3Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 4Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 5Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 6Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Superior Management
An industry-standard command-line interface (CLI), accessed
through the console port or Telnet, provides a familiar user interface
and command set for users to manage the switch.
An embedded user-friendly web interface helps users to quickly and
simply configure switches.
The ECS4530 Series supports SNMPv1,2c,3 and four-group RMON.
The switch provides a complete private MIB for the configuration of
most functions via the SNMP protocol.
Administrators can backup and restore firmware and configuration
files via TFTP or FTP. The switch also provides the configuration of
auto-provision for ease of use in large deployments.
AAA (Authentication, Authorization and Accounting) via RADIUS,
TACACS+, enables centralized control of the switch. You can also
authorize access rights per user and account for all actions
performed by administrators.
Virtual Private Networks
The ECS4530 Series supports Layer 2 VPNs by using Q-in-Q
functions, where an 802.1Q tag from a customer VLAN (called
CE-VLAN ID) is encapsulated in a second 802.1Q tag from a
service-provider network (called an SP-VLAN ID). The switch
supports rewriting the VLAN tag of egress traffic when the ingress
traffic is tagged.
The switch also supports Layer 2 Protocol Tunneling for STP, LACP,
LLDP, CDP, VTP, PVST+, with Cisco-proprietary multicast address
(01-00-0c-cd-cd-d0) replacement.
Comprehensive QoS
The ECS4530 Series offers advanced QoS for marking, classification,
and scheduling to deliver best-in-class performance for data, voice,
and video traffic at wire speed. Eight egress queues per port enable
differentiated management of up to eight traffic types through the
switch.
Traffic is prioritized according to 802.1p and DSCP to provide
optimal performance for real-time applications. Weighted Round
Robin (WRR) and strict priority ensure differential prioritization of
packet flows and avoid congestion of ingress and egress queues.
Asymmetric bidirectional rate-limiting, per port or per traffic class,
preserves network bandwidth and allows maximum control of
network resources.
The ECS4530 Series supports Three Color Marker and Policing
Single rate: Committed Information Rate (CIR) Two rate: CIR + Peak
Information Rate (PIR) Traffic Policing: The switch drops or remarks
the priority tags of packets when they exceed the burst size.
Robust Multicast Control
IGMP snooping prevents the flooding of multicast traffic by
dynamically configuring switch ports so that multicast traffic is
forwarded to only those ports associated with an IP multicast
receiver. IGMP increases the performance of networks by reducing
multicast traffic flooding.
IGMP groups allow you to create customer packages for IP-TV
channels, making switch configuration easy. IGMP Filtering prevents
subscribers seeing unsubscribed IP-TV channels. And, IGMP
Throttling allows you to set how many IP-TV channels a subscriber
can receive simultaneously.
Multicast VLAN Registration
Multicast VLANs are shared in the network, while subscribers remain
in separate VLANs. This increases network security and saves
bandwidth on core links. Multicast streams do not have to be routed
in core L3 switches, which saves CPU power.
Multicast VLAN Registration (MVR) is designed for applications such
as Media-on-Demand that send multicast traffic across an Ethernet
network.
IPv6 Support
The switch supports a number of IPv6 features, including IPv6
Management, DCHPv6 Snooping with Option 37, IPv6 Source Guide.
www.edge-core.com
ECS4530 Series Product Specifications
Key Features and Benefits
TEL: +886-3-5638888 FAX: +886-3-6686111
No.1, Creation Rd. III, Hsinchu Science Park, Taiwan 30077
sales@edge-core.com
www.edge-core.com
TEL: +1 (949)-336-6801
20 Mason Irvine, CA 92618



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com