Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET5402-RJ45 Datasheet(PDF) 5 Page - Edgecore Networks Corporation

Part # ET5402-RJ45
Description  L2/L3 Lite Gigabit Ethernet CSFP Switch with 4 10G and 2 20G Uplinks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

ET5402-RJ45 Datasheet(HTML) 5 Page - Edgecore Networks Corporation

  ET5402-RJ45 Datasheet HTML 1Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 2Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 3Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 4Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 5Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 6Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TEL: +886-3-5638888 FAX: +886-3-6686111
No.1, Creation Rd. III, Hsinchu Science Park, Taiwan 30077
sales@edge-core.com
www.edge-core.com
TEL: +1 (949)-336-6801
20 Mason Irvine, CA 92618
IPv6 Features
IPv4/IPv6 Dual Protocol stack
IPv6 Address Types Stack: Unicast
IPv6 Neighbor Discovery
•Duplicate address
•Address resolution
•Unreachable neighbor detection
Stateless auto-configuration
Manual configuration
Ping over IPv6
IPv6 Telnet support
IPv6 DNS Resolver
HTTP over IPv6
SNMP over IPv6
SSH over IPv6
IPv6 Syslog support
IPv6 SNTP support
IPv6 TFTP support
RA Guard
IPv6 ND Snooping
MLD Snooping v1/v2
IPv6 source guard
DHCPv6 snooping
DHCPv6 option 37
DHCPv6 client
Management
Switch Management:
•CLI via console port or Telnet
•Web management
•SNMP v1, v2c, v3
Firmware & Configuration:
•Firmware upgrade via TFTP/HTTP/FTP server
•Multiple configuration files
•Configuration file upload/download via TFTP/HTTP/FTP server
RMON (groups 1, 2, 3 and 9)
DHCP client for IP address assignment
DHCP dynamic provision option 66,67*
SNTP
Event/Error Log
Syslog
SMTP
Supports LLDP (802.1ab)
sFlow v4, v5
NTP
DNS
Cable Diagnostic
Safety
UL (CSA 22.2. NO 60950-1 & UL60950-1)
CB (IEC60950-1)
Electromagnetic Compatibility
CE Mark
FCC Class A
VCCI
Environmental Specifications
Temperature:
•0ºC to 50ºC (Standard Operating for ECS4530-54CSFP)
•0ºC to 60ºC (Standard Operating for ECS4530-54CSFP-DC-I)
•-40  to 70  (Non-Operating)
Humidity: 10% to 90% (Non-condensing)
Power Supply
AC 100 to 240 VAC, 50/60 Hz (ECS4530-54CSFP)
DC -48~-60 V (ECS4530-54CSFP-DC-I)
Warranty
Please check www.edge-core.com for the warranty terms in your
country.
For More Information
To find out more about Edgecore Networks Corporation products
and solutions, visit www.edge-core.com.
About Edgecore Networks Corporation
Edgecore Networks Corporation is in the business of providing
innovative network solutions. In the service provider network, in
the data center or in the cloud, Edgecore Networks Corporation
delivers the software and systems that transform the way the world
connects. Edgecore Networks Corporation serves customers and
partners worldwide. Additional information can be found at
www.edge-core.com.
Edgecore Networks Corporation is a subsidiary of Accton
Technology Corporation, the leading network ODM company. The
Edgecore data center switches are developed and manufactured
by Accton.
To purchase Edgecore Networks solutions, please contact your
Edgecore Networks Corporation representatives at +886 3 563
8888 (HQ) or +1 (949)-336-6801 or authorized resellers.
© Copyright 2021 Edgecore Networks Corporation. The information contained herein is subject to change without
notice. This document is for informational purposes only and does not set forth any warranty, expressed or implied,
concerning any equipment, equipment feature, or service offered by Edgecore Networks Corporation. Edgecore
Networks Corporation shall not be liable for technical or editorial errors or omissions contained herein.
QoS Features
Priority Queues: 8 hardware queues per port
Traffic classification
•IEEE 802.1p CoS
•IP Precedence
•DSCP
•MAC Access control list (Source/Destination MAC, Ether type,
Priority ID/ VLAN ID)
•IP Standard access control list (Source IP)
•IP extended access control list (Source/Destination IP, Protocol,
TCP/UDP port number)
Traffic Scheduling
•Strict Priority
•Weighted Round Robin
•Strict + WRR
Single/ Two rate Three color marker
Ingress policy map
Egress policy map
Rate Limiting (Ingress and Egress, per port base)
•GE: Resolution 64Kbps ~ 1,000Mbps
•10G: Resolution 64Kbps ~ 10,000Mbps
•20G: Resolution 64Kbps ~ 20,000Mbps
Auto Traffic Control
Security
Port security
IEEE 802.1X port based and MAC based authentication
Dynamic VLAN Assignment, Auto QoS
MAC authentication
Web authentication
Voice VLAN
Guest VLAN
L2/L3/L4 Access Control List
•MAC Access control list (Source/Destination MAC, Ether type,
Priority ID/ VLAN ID)
•IP standard access control list (Source IP)
•IP extended access control list (Source/Destination IP, Protocol,
TCP/UDP port number)
•ARP access control list (ip, request, response)
IPv6 ACL
DHCP Snooping
DHCP Option 82
DHCP Option 82 Relay
IP Source Guard
PPPoE IA
Dynamic ARP Inspection
Denial of Service
Login Security
RADIUS authentication
RADIUS accounting
RADIUS authorization
TACACS + authentication
TACACS + accounting
TACACS + authorization
Management Interface Access Filtering (SNMP, Web, Telnet)
SSH (v2.0) for security Telnet
SSL for HTTPS
SNMPv3
Routing
IPv4 Static Route
IPv6 Static Route
OAM
IEEE 802.3ah Link
www.edge-core.com
Features
ECS4530 Series Product Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com