Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET5402-RJ45 Datasheet(PDF) 4 Page - Edgecore Networks Corporation

Part # ET5402-RJ45
Description  L2/L3 Lite Gigabit Ethernet CSFP Switch with 4 10G and 2 20G Uplinks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

ET5402-RJ45 Datasheet(HTML) 4 Page - Edgecore Networks Corporation

  ET5402-RJ45 Datasheet HTML 1Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 2Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 3Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 4Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 5Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 6Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
44
k2
11
t1
AY
sN
sY
AY
sY
AY
AY
TEL: +886-3-5638888 FAX: +886-3-6686111
No.1, Creation Rd. III, Hsinchu Science Park, Taiwan 30077
sales@edge-core.com
www.edge-core.com
TEL: +1 (949)-336-6801
20 Mason Irvine, CA 92618
www.edge-core.com
Features
ECS4530 Series Product Specifications
QoS Features
Priority Queues: 8 hardware queues per port
Traffic classification
•IEEE 802.1p CoS
•IP Precedence
•DSCP
•MAC Access control list (Source/Destination MAC, Ether type,
Priority ID/ VLAN ID)
•IP Standard access control list (Source IP)
•IP extended access control list (Source/Destination IP, Protocol,
TCP/UDP port number)
Traffic Scheduling
•Strict Priority
•Weighted Round Robin
•Strict + WRR
Single/ Two rate Three color marker
Ingress policy map
Egress policy map
Rate Limiting (Ingress and Egress, per port base)
•GE: Resolution 64Kbps ~ 1,000Mbps
•10G: Resolution 64Kbps ~ 10,000Mbps
•20G: Resolution 64Kbps ~ 20,000Mbps
Auto Traffic Control
Security
Port security
IEEE 802.1X port based and MAC based authentication
Dynamic VLAN Assignment, Auto QoS
MAC authentication
Web authentication
Voice VLAN
Guest VLAN
L2/L3/L4 Access Control List
•MAC Access control list (Source/Destination MAC, Ether type,
Priority ID/ VLAN ID)
•IP standard access control list (Source IP)
•IP extended access control list (Source/Destination IP, Protocol,
TCP/UDP port number)
•ARP access control list (ip, request, response)
IPv6 ACL
DHCP Snooping
DHCP Option 82
DHCP Option 82 Relay
IP Source Guard
PPPoE IA
Dynamic ARP Inspection
Denial of Service
Login Security
RADIUS authentication
RADIUS accounting
RADIUS authorization
TACACS + authentication
TACACS + accounting
TACACS + authorization
Management Interface Access Filtering (SNMP, Web, Telnet)
SSH (v2.0) for security Telnet
SSL for HTTPS
SNMPv3
Routing
IPv4 Static Route
IPv6 Static Route
OAM
IEEE 802.3ah Link
L2 Features
1Gbps CSFP fiber interfaces
Combo Gigabit ports
Either RJ-45 or CSFP port can be chosen at a time
Tri-speed (10/100/1000BASE-T) RJ-45 copper interfaces
•Auto-negotiation for port speed and duplex mode, Auto MDI/MDI-X
Dual-speed (1G and 10G) fiber interfaces
SFP+ ports support:
•IEEE 802.3ae changeable (10GBASE-SR/LR/ZR/ER),
•IEEE 802.3z (1000BASE-SX/LX/LHX/ZX) transceivers
•10G DAC/AOC
Digital Diagnostic Monitoring (DDM) on 1G CSFP and 10G SFP+ port
Flow Control:
•IEEE 802.3x for full-duplex mode
•Back-Pressure for half-duplex mode
Jumbo frames 10 KB
Broadcast/Multicast/ Unknown Unicast Storm Control
Spanning Tree Protocol:
•IEEE 802.1D Spanning Tree Protocol (STP)
•IEEE 802.1w Rapid Spanning Tree Protocol (RSTP)
•IEEE 802.1s Multiple Spanning Tree Protocol (MSTP), 64 instances
•BPDU Guard
•BPDU filtering
•Root Guard
•BPDU transparent
•Loopback detection
Non-Spanning Tree Loopback detection
ITU-T G.8032 Ethernet Ring Protection
•Sub 50 msec convergence
•Revertive operation mode
•Multiple-ring network
VLANs:
•Supports 4K VLAN
•Port-based VLAN
•IEEE 802.1Q VLAN
•GVRP
•VLAN Trunking
•IEEE 802.1v Protocol-based VLAN
•IP Subnet-based VLAN
•MAC-based VLAN
Traffic Segmentation
L2 Virtual Private VLAN
•Q-in-Q
•VLAN Translation
•L2 Protocol tunneling (xSTP, LACP, LLDP, CDP, VTP & PVST+)
•CDP/PVST+ Filtering
Link Aggregation:
•Static Trunk
•IEEE 802.3ad Link Aggregation Control Protocol
•Trunk groups: 26, up to 8 GE/ 4 10G ports per group
•Load Balancing: SA+DA, SA, DA, SIP+DIP, SIP, DIP
IGMP Snooping:
•IGMP v1/v2/v3 snooping
•IGMP Proxy reporting
•IGMP Filtering
•IGMP Throttling
•IGMP Immediate Leave
•IGMP Querier
•IGMP Authentication
MVR (Multicast VLAN Registration)
•Supports 5 multicast VLANs
Port mirroring/ ACL/MAC/VLAN Mirroring
Remote port mirror (RSPAN)
MLAG



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com