Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET5402-RJ45 Datasheet(PDF) 3 Page - Edgecore Networks Corporation

Part # ET5402-RJ45
Description  L2/L3 Lite Gigabit Ethernet CSFP Switch with 4 10G and 2 20G Uplinks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

ET5402-RJ45 Datasheet(HTML) 3 Page - Edgecore Networks Corporation

  ET5402-RJ45 Datasheet HTML 1Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 2Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 3Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 4Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 5Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 6Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Product Model
ECS4530-54CSFP
ECS4530-54CSFP-DC-I
Product Image
Port
GE CSFP Ports
24
24
GE Combo Ports (RJ-45/CSFP)
4 RJ-45/2 CSFP
4 RJ-45/2 CSFP
SFP+ 10 Gigabit Uplink Ports
44
20G QSFP+ Uplink2
2
GE out of band Management Port
11
RJ-45 Console Port1
1
Performance
Switching Capacity
256 Gbps
256 Gbps
Forwarding Rate
190.48 Mpps
190.48 Mpps
Flash Memory
2 GB
2 GB
DRAM
2 GB
2 GB
MAC Address Table Size
16 K
16 K
Jumbo Frames
10 KB
10 KB
Auto-negotiation, Auto-MDI/MDIXYes
Yes
Mechanical
Rack Space
19"
19"
Dimension (W x D x H) cm
44 x 22 x 4.4
44 x 22 x 4.4
Weight
3 kg
3 kg
Power Supply
DC Power Input (-48~-60 V)
N/AYes
100-240 VAC, 50-60 Hz
YesN/A
Max System Power Consumption (Watts)
75.4 W
75.4 W
Environmental Operating Temperature
0°C to 50°C
0°C to 60°C
Storage Temperature
-40°C to 70°C
-40°C to 70°C
Operating Humidity (non-condensing)
10% to 90%
10% to 90%
Storage Humidity (non-condensing)
10% to 90%
10% to 90%
Environmental Regulation Compliance: WEEE
YesYes
Environmental Regulation Compliance: RoHSYes
Yes
Certification
FCC Class AYes
Yes
CE
YesYes
Safety Compliance: CB
N/AYes
Safety Compliance: UL
N/AYes
Features
www.edge-core.com
ECS4530 Series Product Specifications
TEL: +886-3-5638888 FAX: +886-3-6686111
No.1, Creation Rd. III, Hsinchu Science Park, Taiwan 30077
sales@edge-core.com
www.edge-core.com
TEL: +1 (949)-336-6801
20 Mason Irvine, CA 92618



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com