Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET5402-RJ45 Datasheet(PDF) 6 Page - Edgecore Networks Corporation

Part # ET5402-RJ45
Description  L2/L3 Lite Gigabit Ethernet CSFP Switch with 4 10G and 2 20G Uplinks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDGE-CORE [Edgecore Networks Corporation]
Direct Link  https://www.edge-core.com/
Logo EDGE-CORE - Edgecore Networks Corporation

ET5402-RJ45 Datasheet(HTML) 6 Page - Edgecore Networks Corporation

  ET5402-RJ45 Datasheet HTML 1Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 2Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 3Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 4Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 5Page - Edgecore Networks Corporation ET5402-RJ45 Datasheet HTML 6Page - Edgecore Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Optional Accessories
Product Description
ET4532-CSFP20
1000BASE Single mode LC Simplex CSFP transceiver with DDM, up to 20 km, Wavelength: Tx1550 nm/Rx1310 nm
ET4932-CSFP20
1000BASE Single mode LC Simplex CSFP transceiver with DDM, up to 20 km, Wavelength: Tx1490 nm/Rx1310 nm
ET4352-BX20
1000BASE Single mode LC Simplex SFP transceiver with DDM, up to 20 km, Wavelength: Tx1310 nm/Rx1550 nm
ET4392-BX20
1000BASE Single mode LC Simplex SFP transceiver with DDM, up to 20 km, Wavelength: Tx1310 nm/Rx1490 nm
ET4532-BX20
1000BASE Single mode LC Simplex SFP transceiver with DDM, up to 20 km, Wavelength: Tx1550 nm/Rx1310 nm
ET4201-SX
1000BASE-SX Multi mode LC Duplex SFP transceiver, up to 550 m (850 nm)
ET4201-LX
1000BASE-LX Single mode LC Duplex SFP transceiver, up to 10 km (1310 nm)
ET4201-LHX
1000BASE-LHX Single mode LC Duplex SFP transceiver, up to 40 km (1310 nm)
ET4201-ZX
1000BASE-ZX Single mode LC Duplex SFP transceiver, up to 80 km (1550 nm)
ET4202-SX
1000BASE-SX Multi mode LC Duplex SFP transceiver with DDM, up to 550 m (850 nm)
ET4202-LX
1000BASE-LX Single mode LC Duplex SFP transceiver with DDM, up to 10 km (1310 nm)
ET4202-ZX
1000BASE-ZX Single mode LC Duplex SFP transceiver with DDM, up to 80 km (1550 nm)
ET5402-SR
10GBASE-SR Multi mode LC Duplex SFP+ transceiver with DDM, up to 300 m (850 nm)
ET5402-LR
10GBASE-LR Single mode LC Duplex SFP+ transceiver with DDM, up to 10 km (1310 nm)
ET5402-ER
10GBASE-ER Single mode LC Duplex SFP+ transceiver with DDM, up to 40 km (1550 nm)
ET5402-ZR
10GBASE-ZR Single mode LC Duplex SFP+ transceiver with DDM, up to 80 km (1550 nm)
ET5402-RJ45
10GBASE-T SFP+ transceiver with DDM, Copper RJ45 Connector, 0 to 70°C
ET5402-DAC-3M
10G SFP+ Direct Attach Cable(DAC) 3 m
ET5402-AOC-7M
10G SFP+ Active Optical cable(AOC) 7 m
ET6402-40DAC-1M
40G QSFP+ Direct Attach Cable(DAC) 1 m
ET6402-40DAC-3M
40G QSFP+ Direct Attach Cable(DAC) 3 m
www.edge-core.com
Ordering Information
ECS4530 Series Product Specifications
TEL: +886-3-5638888 FAX: +886-3-6686111
No.1, Creation Rd. III, Hsinchu Science Park, Taiwan 30077
sales@edge-core.com
www.edge-core.com
TEL: +1 (949)-336-6801
20 Mason Irvine, CA 92618
EC-DS-1021-05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com