Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD336 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BD336
Description  SILICON PNP POWER DARLINGTON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD336 Datasheet(HTML) 1 Page - STMicroelectronics

  BD336 Datasheet HTML 1Page - STMicroelectronics BD336 Datasheet HTML 2Page - STMicroelectronics BD336 Datasheet HTML 3Page - STMicroelectronics BD336 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BD336
SILICON PNP POWER DARLINGTON TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
s
PNP DARLINGTON
s
INTEGRATED ANTIPARALLEL
COLLECTOR-EMITTER DIODE
APPLICATIONS
s
GENERAL PURPOSE SWITCHING
s
GENERAL PURPOSE AMPLIFIERS
DESCRIPTION
The BD336 is a silicon epitaxial-base PNP
transistor in Darlingon configuration mounted in
SOT-82 plastic package.
It is inteded for use in audio output stages
general amplifier and switching applications.
INTERNAL SCHEMATIC DIAGRAM
July 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
-100
V
VCEO
Collector-Emitter Voltage (IB = 0)
-100
V
VEBO
Emitter-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-6
A
ICM
Collector Peak Current (tp < 10ms)
-10
A
IB
Base Current
-0.15
A
Ptot
Total Dissipation at Tc
≤ 25 oC60
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
3
SOT-82
1/4


Similar Part No. - BD336

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD336 STMICROELECTRONICS-BD336 Datasheet
321Kb / 4P
COMPLEMENTARY POWER DARLINGTONS
logo
NXP Semiconductors
BD336 PHILIPS-BD336 Datasheet
424Kb / 9P
SILICON DARLINGTON POWER TRANSISTORS
July 1988
logo
Inchange Semiconductor ...
BD336 ISC-BD336 Datasheet
275Kb / 2P
isc Silicon PNP Power Transistor
More results

Similar Description - BD336

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N6285 COMSET-2N6285 Datasheet
80Kb / 3P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2SB1568 NJSEMI-2SB1568 Datasheet
71Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1481 NJSEMI-2SB1481 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1495 NJSEMI-2SB1495 Datasheet
72Kb / 2P
Silicon PNP Darlington Power Transistor
TIP147T NJSEMI-TIP147T Datasheet
79Kb / 2P
Silicon PNP Darlington Power Transistor
BDW44 NJSEMI-BDW44 Datasheet
137Kb / 2P
Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Zibo Seno Electronic En...
MJ11016 ZSELEC-MJ11016 Datasheet
197Kb / 2P
Silicon PNP Darlington Power Transistor
MJ11032 ZSELEC-MJ11032 Datasheet
195Kb / 2P
Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com