Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD336 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BD336
Description  SILICON PNP POWER DARLINGTON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD336 Datasheet(HTML) 2 Page - STMicroelectronics

  BD336 Datasheet HTML 1Page - STMicroelectronics BD336 Datasheet HTML 2Page - STMicroelectronics BD336 Datasheet HTML 3Page - STMicroelectronics BD336 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
2.08
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = -100 V
VCB = -100 V
TC = 150
oC
-0.2
-2
mA
mA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = -50 V
-0.5
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = -5 V
-5
mA
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = -3 A
IB = -12 mA
-2
V
VBE
∗
Base-Emitter Voltage
IC = -3 A
VCE = -3 V
-2.5
V
hFE
∗
DC Current Gain
IC = -0.5 A
VCE = -3 V
IC = -3 A
VCE = -3 V
IC = -6 A
VCE = -3 V
750
2700
400
VF
∗
Parallel Diode Forward
Voltage
IF = -3 A
-1.8
V
hfe
Small Signal Current
Gain
IC = -3 A
VCE = -3 V
f = 1MHz
150
ton
Turn on Time
IC = -3 A
VCC = -30 V
IB1 = -IB2 = -12 mA
12
µs
toff
Turn off Time
5
10
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1.5 %
BD336
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com