Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 360
Description  MiFare Classic (13.56MHz RFID/NFC) White Tag - 1KB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

360 Datasheet(HTML) 2 Page - Adafruit Industries

  360 Datasheet HTML 1Page - Adafruit Industries 360 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
This is a blank MiFare Classic 'laundry' tag - often used for laundry or identification
but also found in other systems where a small proximity card is desired. The tag
contains a NXP S50 chip and an antenna, and is passively powered by the
reader/writer when placed a couple inches away
These can be read by almost any 13.56MHz RFID/NFC reader but make sure it can
handle MiFare cards as there are a few other encoding standards (like FeLica) They
are tested and work great with both our PN532 NFC/RFID breakout board and
Adafruit NFC/RFID Shield for Arduino!
These chips can be written to & store up to 1 KB of data in writable EEPROM divided
into banks, and can handle over 100,000 re-writes. You can use our PN532
NFC/RFID breakout board or Adafruit NFC/RFID Shield for Arduino to read and
write data to the EEPROM inside the tag. There is also a permanent 4-byte ID
burned into the chip that you can use to identify one tag from another - the ID
number cannot be changed.
These use the S50 chipset, which used to be the 'classic' NFC chipset. In ~2014, the
NFC forum decided not to support this chipset anymore, so newer phones do not
support the MiFare classic. This only matters if you're trying to use this tag with a
phone/tablet.
Page 2 of 2
7/21/2015
http://www.adafruit.com/products/360



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com